전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BGA7204 데이터시트(PDF) 33 Page - NXP Semiconductors

부품명 BGA7204
상세설명  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7204 데이터시트(HTML) 33 Page - NXP Semiconductors

Back Button BGA7204 Datasheet HTML 29Page - NXP Semiconductors BGA7204 Datasheet HTML 30Page - NXP Semiconductors BGA7204 Datasheet HTML 31Page - NXP Semiconductors BGA7204 Datasheet HTML 32Page - NXP Semiconductors BGA7204 Datasheet HTML 33Page - NXP Semiconductors BGA7204 Datasheet HTML 34Page - NXP Semiconductors BGA7204 Datasheet HTML 35Page - NXP Semiconductors BGA7204 Datasheet HTML 36Page - NXP Semiconductors BGA7204 Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 130 page
background image
34
NXP Semiconductors RF Manual 16th edition
1.5.4 Car radio receiver (CREST ICs: TEF6860HL, TEF6862HL)
Application diagram
bra501
AGC &
hum filter
FM input
filter
& AGC
AM LNA
IF limiter
amplifier
FM de-
modulator
1st
mixer
oscillator
IF
bandpass
filter
2nd
mixer
1st
mixer
2nd
mixer
oscillator
FM MPX
AM audio
DET
f V
variable
BW filter
RF input
filter
IF
amplifier
AM de-
modulator
IF
bandpass
filter
IF
bandpass
filter
Recommended products
Function
Product
Package
Type
AM LNA
RF transistor
JFET
SOT23
BF862
Function
Product
Package
Type
FM input
filter & AGC
RF diode
Varicap
diode
SOT23
BB201^
SOT23
BB207
PIN diode
SOD523
BAP70-02
SOD323
BAP70-03
^ OIRT
Function
Product
Package
Type
AGC &
hum filter
RF diode
PIN diode
SOT363
BAP70AM
Function
Product
Package
Type
Oscillator
RF diode
Varicap
diode
SOD323
BB156
SOD523
BB208-02
Note 1:
The following recommended discrete products are applicable for
NICEPACS, CCC and DDICE: NICE:TEA6840H,TEA6845H,TEA684
6H, NICEPACS:TEA6848H,TEA6849H; CCC:TEF6901H,TEF6903H;
DDICE:TEA6721HL. All recommended discrete products are
applicable, excluding AM LNA in: DICE2:TEF6730HWCE.
Note 2:
Phones and portable radios (IC:TEA5767/68) use varicap BB202 as the
FM oscillator.
Product highlight:
BF862 junction field effect transistor
Our tuning portfolio contains advanced products for car radio
reception applications and in-vehicle media platforms. The NXP
devices for this application ensure excellent reception quality and
ease of design-in. Performance is demonstrated in reference designs.
The high-performance junction FET BG862 is specially designed for
AM radio amplifiers.
Features
` High transition frequency and optimized input capacitance for
excellent sensitivity
` High transfer admittance resulting in high gain
` Encapsulated in the versatile and easy-to-use SOT23 package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com