전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BGA7204 데이터시트(PDF) 61 Page - NXP Semiconductors

부품명 BGA7204
상세설명  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7204 데이터시트(HTML) 61 Page - NXP Semiconductors

Back Button BGA7204 Datasheet HTML 57Page - NXP Semiconductors BGA7204 Datasheet HTML 58Page - NXP Semiconductors BGA7204 Datasheet HTML 59Page - NXP Semiconductors BGA7204 Datasheet HTML 60Page - NXP Semiconductors BGA7204 Datasheet HTML 61Page - NXP Semiconductors BGA7204 Datasheet HTML 62Page - NXP Semiconductors BGA7204 Datasheet HTML 63Page - NXP Semiconductors BGA7204 Datasheet HTML 64Page - NXP Semiconductors BGA7204 Datasheet HTML 65Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 130 page
background image
62
NXP Semiconductors RF Manual 16th edition
Application diagram
001aan955
external
active
antenna
BPF
LNA
SPDT
embedded
antenna
BPF
LNA
BPF
GPS
RECEIVER
IC
Type
Package
Packagesize
MMIC*
SMD's
Appl.
SMDsize
SMD's
area
Appl.area
X
Y
Pins Pitch Area
X
Y
mm
mm
mm
#
mm
mm2
#
mm
mm
mm2
mm2
BGU7005/7
SOT886
1.45 x 1
1.7
1.25
6
0.5
2.13
2
1.5
0.8
2.4
4.53
Competitor
Wafer-level package
1.26 x 0.86
1.5
1.1
6
0.4
1.65
6
1.5
0.8
7.2
8.85
Competitor
Wafer-level package
0.86 x 0.86
1.1
1.1
4
0.4
1.21
4
1.5
0.8
4.8
6.01
Competitor
Thin small leadless package
2 x 1.3
2.25
1.55
6
0.5
3.49
4
1.5
0.8
4.8
8.29
Competitor
Thin small leadless package
1.4 x 1.26
1.65
1.5
6
0.48
2.48
4
1.5
0.8
4.8
7.28
Competitor
Thin small outline non-leaded
1.5 x 1.5
1.75
1.75
6
0.5
3.06
5
1.5
0.8
6
9.06
* Includes keep-out area on PCB (a commonly used assembly rule)
Smallest footprint
@ 1.575 GHz
Type
Package
Supply
voltage
Supply current
Insertion power gain
Noise
figure
Input power at 1 dB gain
compression
Input third-order intercept point
f
1 = 1713 MHz, f2 = 1851 MHz
V
cc
I
cc
|s
21|
2
NF
P
L(1dB)
IP3
i
(V)
(mA)
(dB)
(dB)
(dBm)
(dBm)
Min
Max
Min
Typ
Max
Min
Typ
Max
Typ
BGU7003
SOT891
2.2
2.85
3
-
15
16
18.3
20
0.8
-
-
-
-
-
-
-20
-
-
-
-
-
-
-
-
0
-
-
BGU7004^ SOT886
1.5
2.85
-
4.5
-
-
16.5*
-
0.9
-
-
-14 -11
-
-
-
-11 -8
-
-
5
9
-
-
-
5
12
BGU7005
SOT886
1.5
2.85
-
4.5
-
-
16.5*
-
0.9
-
-
-14 -11
-
-
-
-11 -8
-
-
5
9
-
-
-
5
12
BGU7007
SOT886
1.5
2.85
-
4.8
-
-
18.5**
-
0.9
-
-
-15 -12
-
-
-
-14 -11
-
-
1
4
-
-
-
2
5
BGU7008^ SOT886
1.5
2.85
-
4.8
-
-
18.5**
-
0.9
-
-
-15 -12
-
-
-
-14 -11
-
-
1
4
-
-
-
2
5
BGU8007
SOT886
1.5
2.2
-
4.6
-
-
19.0***
-
0.75#
-15 -12
-
-
-13 -10
-
-
-
1
4
-
-
2
5
-
-
-
SiGe:C GPS LNAs
^ AEC-Q101 qualified (some limitations apply)
#
Evaluation board losses excluded
* 16.5 dB without jammer / 17.5 dB with jammer
** 18.5 dB without jammer / 19.5 dB with jammer
*** 19.0 dB without jammer / 20.5 dB with jammer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com