전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BGA7204 데이터시트(PDF) 51 Page - NXP Semiconductors

부품명 BGA7204
상세설명  RF Manual 16th edition
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGA7204 데이터시트(HTML) 51 Page - NXP Semiconductors

Back Button BGA7204 Datasheet HTML 47Page - NXP Semiconductors BGA7204 Datasheet HTML 48Page - NXP Semiconductors BGA7204 Datasheet HTML 49Page - NXP Semiconductors BGA7204 Datasheet HTML 50Page - NXP Semiconductors BGA7204 Datasheet HTML 51Page - NXP Semiconductors BGA7204 Datasheet HTML 52Page - NXP Semiconductors BGA7204 Datasheet HTML 53Page - NXP Semiconductors BGA7204 Datasheet HTML 54Page - NXP Semiconductors BGA7204 Datasheet HTML 55Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 130 page
background image
52
NXP Semiconductors RF Manual 16th edition
New CATV GaAs platform layout
2.2.2
Highlyefficientline-upof1GHzGaAsmodulesforsustainableCATVnetworks
NXP high gain power doublers CGD104xHi and push-pulls CGY104
Designed for 1 GHz “sustainable networks,” these high-performance GaAs devices enable extended
bandwidth and higher data rates. They deliver increased network capacity and make way for high-end
services like HDTV, VoIP, and digital simulcasting.
Key features
` Excellent linearity, stability, and reliability
` High power gain for power doublers
` Extremely low noise
` Dark Green products
` GaAs HFET dies for high-end applications
` Rugged construction
` Superior levels of ESD protection
` Integrated ringwave protection
` Design optimized for digital channel loading
` Temperature compensated gain response
` Optimized heat management
` Excellent temperature resistance
Key benefits
` Simple upgrade to 1-GHz capable networks
` Low total cost of ownership
` High power-stress capability
` Highly automated assembly
Key applications
` Hybrid Fiber Coax (HFC) applications
` Line extenders
` Trunk amplifiers
` Fiber deep-optical-node (N+0/1/2)
` Bridgers
The NXP power doublers CGD104xH and CGD104xHi are ideal
for use in line extenders and trunk amplifiers. They support
fiber deep-optical-node applications (N+0/1/2), delivering
the highest output power on the market today. The GaAs HFET
die process delivers high gain, excellent CTB and CSO ratings,
and lower current.
The new NXP CGY104x push-pull family is the first line-up on
the market to combine very low noise, best-in-class distortion
parameters, and low, “carbon footprint” capabilities. It delivers
the best performance for the lowest power consumption,
so it reduces OPEX and CO
2 emissions
All of NXP’s 1 GHz solutions are designed for durability and
offer superior ruggedness, an extended temperature range,
high-power overstress capabilities, and extremely high ESD
levels. As a result, they also reduce the cost of ownership.
The GaAs die is inserted in an HVQFN package that is then
mounted on thermal vias that manage heat transfer to the
heat sink. Temperature-control circuitry keeps the module's
high performance stable over a wide range of temperature.
Assembly is fully automated and requires almost no human
intervention, so repeatability remains very high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com