전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXB1549Q 데이터시트(PDF) 6 Page - Sony Corporation

부품명 CXB1549Q
상세설명  Laser Diode Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1549Q 데이터시트(HTML) 6 Page - Sony Corporation

Back Button CXB1549Q Datasheet HTML 2Page - Sony Corporation CXB1549Q Datasheet HTML 3Page - Sony Corporation CXB1549Q Datasheet HTML 4Page - Sony Corporation CXB1549Q Datasheet HTML 5Page - Sony Corporation CXB1549Q Datasheet HTML 6Page - Sony Corporation CXB1549Q Datasheet HTML 7Page - Sony Corporation CXB1549Q Datasheet HTML 8Page - Sony Corporation CXB1549Q Datasheet HTML 9Page - Sony Corporation CXB1549Q Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
– 6 –
CXB1549Q
Pad
No.
30
LDAlmB
0.2 to 3
31
LDAlm
0.2 to 3
32
SDN
0 to 3.3
33
SDNB
0 to 3.3
34
VREF
1.7
Complementary open
collector TTL outputs.
Asserted when the fault
is detected in the Laser
monitor diode circuit.
Complementary TTL
inputs pin to disable
output current.
(shutdown input)
When left open = "High"
Temperature
compensated reference
voltage pin for APC.
1.7V (Constant for VEE
reference)
Symbol
Typical voltage [V]
DC
AC
Equivalent circuit
Description
VCC
VEE
4.7k
4.7k
31
30
VCC
VEE
5k
5k
5k
5k
300
300
60
µA
60
µA
32
33
300
300
1.9mA
VCC
VEE
200
34
2.4k
9.1k
35
TEST_
PIN
OPEN
Do not connect.
36
VCC3
3.3
Positive power supply
pin for Signal Detect
circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com