전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXB1549Q 데이터시트(PDF) 7 Page - Sony Corporation

부품명 CXB1549Q
상세설명  Laser Diode Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SONY [Sony Corporation]
홈페이지  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXB1549Q 데이터시트(HTML) 7 Page - Sony Corporation

Back Button CXB1549Q Datasheet HTML 3Page - Sony Corporation CXB1549Q Datasheet HTML 4Page - Sony Corporation CXB1549Q Datasheet HTML 5Page - Sony Corporation CXB1549Q Datasheet HTML 6Page - Sony Corporation CXB1549Q Datasheet HTML 7Page - Sony Corporation CXB1549Q Datasheet HTML 8Page - Sony Corporation CXB1549Q Datasheet HTML 9Page - Sony Corporation CXB1549Q Datasheet HTML 10Page - Sony Corporation CXB1549Q Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
– 7 –
CXB1549Q
Pad
No.
37
CapZ
Capacitor and resistor
port pins for slow start
up. This pin controls the
initial turn-on time of
this IC (release time of
bias and modulation
current).
The time for this function
is set by an external RC
network.
Refer to Fig.7.
38
VEE3
0
Negative power supply
pin for Signal Detect
circuit.
39
APCOut
Output pin of APC OP-
Amp.
This signal control to
bias adjust pins.
(BiasAdj and SBias)
40
RsetPD
Monitor PD connect pin.
Symbol
Typical voltage [V]
DC
AC
Equivalent circuit
Description
3k
145
µA
VCC
VEE
200
Rseries
Cap_Z
37
145
µA
VCC
VEE
500
39
300
300
VCC
VEE
200
1.8mA
40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com