| 전자부품 데이터시트 검색엔진 |
|
SI8711CD-B-IM 데이터시트(PDF) 25 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
SI8711CD-B-IM 데이터시트(HTML) 25 Page - Silicon Laboratories |
|
25 / 36 page ![]() Si87xx Preliminary Rev. 0.5 25 12. Package Outline: DIP8 Figure 17 illustrates the package details for the Si87xx in a DIP8 package. Table 18 lists the values for the dimensions shown in the illustration. Figure 17. DIP8 Package Table 18. DIP8 Package Diagram Dimensions Dimension Min Max A — 4.19 A1 0.55 0.75 A2 3.17 3.43 b 0.35 0.55 b2 1.14 1.78 b3 0.76 1.14 c 0.20 0.33 D 9.40 9.90 E 7.37 7.87 E1 6.10 6.60 E2 9.40 9.90 e 2.54 BSC. L 0.38 0.89 aaa — 0.25 Notes: 1. All dimensions shown are in millimeters (mm) unless otherwise noted. 2. Dimensioning and Tolerancing per ANSI Y14.5M-1994. |