| 전자부품 데이터시트 검색엔진 |
|
SI8711CD-B-IM 데이터시트(PDF) 27 Page - Silicon Laboratories |
|
|
|||||||||||||||||||||||||||||
SI8711CD-B-IM 데이터시트(HTML) 27 Page - Silicon Laboratories |
|
27 / 36 page ![]() Si87xx Preliminary Rev. 0.5 27 14. Package Outline: SDIP6 Figure 19 illustrates the package details for the Si87xx in an SDIP6 package. Table 20 lists the values for the dimensions shown in the illustration. Figure 19. SDIP6 Package Table 20. SDIP6 Package Diagram Dimensions Dimension Min Max A— 2.65 A1 0.10 0.30 A2 2.05 — b0.31 0.51 c0.20 0.33 D 4.58 BSC E 11.50 BSC E1 7.50 BSC e 1.27 BSC L0.40 1.27 h0.25 0.75 Notes: 1. All dimensions shown are in millimeters (mm) unless otherwise noted. 2. Dimensioning and Tolerancing per ANSI Y14.5M-1994. |