전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST10F280 데이터시트(PDF) 129 Page - STMicroelectronics

부품명 ST10F280
상세설명  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 데이터시트(HTML) 129 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 125Page - STMicroelectronics ST10F280_12 Datasheet HTML 126Page - STMicroelectronics ST10F280_12 Datasheet HTML 127Page - STMicroelectronics ST10F280_12 Datasheet HTML 128Page - STMicroelectronics ST10F280_12 Datasheet HTML 129Page - STMicroelectronics ST10F280_12 Datasheet HTML 130Page - STMicroelectronics ST10F280_12 Datasheet HTML 131Page - STMicroelectronics ST10F280_12 Datasheet HTML 132Page - STMicroelectronics ST10F280_12 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 239 page
background image
ST10F280
Parallel ports
Doc ID 8673 Rev. 3
129/239
Figure 46.
Port 7 I/O and alternate functions
The port structures of Port 7 differ in the way the output latches are connected to the internal
bus and to the pin driver (see the two Figure 47). Pins P7.3...P7.0 (POUT3...POUT0) XOR
the alternate data output with the port latch output, which allows to use the alternate data
directly or inverted at the pin driver.
Figure 47.
Block diagram of Port 7 pins P7.3...P7.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More