전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST10F280 데이터시트(PDF) 151 Page - STMicroelectronics

부품명 ST10F280
상세설명  16-bit MCU with MAC unit, 512 Kbyte Flash memory and 18 Kbyte RAM
PDF  239 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F280 데이터시트(HTML) 151 Page - STMicroelectronics

Back Button ST10F280_12 Datasheet HTML 147Page - STMicroelectronics ST10F280_12 Datasheet HTML 148Page - STMicroelectronics ST10F280_12 Datasheet HTML 149Page - STMicroelectronics ST10F280_12 Datasheet HTML 150Page - STMicroelectronics ST10F280_12 Datasheet HTML 151Page - STMicroelectronics ST10F280_12 Datasheet HTML 152Page - STMicroelectronics ST10F280_12 Datasheet HTML 153Page - STMicroelectronics ST10F280_12 Datasheet HTML 154Page - STMicroelectronics ST10F280_12 Datasheet HTML 155Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 239 page
background image
ST10F280
Serial channels
Doc ID 8673 Rev. 3
151/239
14.1.2
ASCO in synchronous mode
In synchronous mode, data are transmitted or received synchronously to a shift clock which
is generated by the ST10F280. Half-duplex communication up to 5M Baud (at 40MHz of
fCPU) is possible in this mode.
Figure 57.
Synchronous mode of serial channel ASC0
Synchronous mode baud rates
For synchronous operation, the Baud rate generator provides a clock with 4 times the rate of
the established Baud rate. The Baud rate for synchronous operation of serial channel ASC0
can be determined by the following formula:
(S0BRL) represents the content of the reload register, taken as unsigned 13 Bit integers,
(S0BRS) represents the value of Bit S0BRS (‘0’ or ‘1’), taken as integer.
BSync =
S0BRL = (
fCPU
4 x [2 + (S0BRS)] x BSync
) 1
fCPU
4 x [2 + (S0BRS)] x [(S0BRL) + 1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More