| 전자부품 데이터시트 검색엔진 |
|
ST10F280 데이터시트(PDF) 201 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST10F280 데이터시트(HTML) 201 Page - STMicroelectronics |
|
201 / 239 page ![]() ST10F280 Special function register overview Doc ID 8673 Rev. 3 201/239 EXICON Address: 0xF1C0h / E0h ESFR Reset: 0x0000h Type: R/W EXISEL Address: 0xF1DAh / EDh ESFR Reset: 0x0000h Type: R/W CLKSEL System Clock Selection 000: f CPU = 2.5 x fOSC 001: f CPU = 0.5 x fOSC 010: f CPU = 10 x fOSC 011: f CPU = fOSC 100: f CPU = 5 x fOSC 101: f CPU = 2 x fOSC 110: f CPU = 3 x fOSC 111: f CPU = 4 x fOSC 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 EXI7ES EXI6ES EXI5ES EXI4ES EXI3ES EXI2ES EXI1ES EXI0ES R/W R/W R/W R/W R/W R/W R/W R/W EXIxES(x=7...0) External Interrupt x Edge Selection Field (x=7...0) 00: Fast external interrupts disabled: standard mode EXxIN pin not taken in account for entering/exiting Power Down mode. 01: Interrupt on positive edge (rising) Enter Power Down mode if EXiIN = ‘0’, exit if EXxIN = ‘1’ (referred as ‘high’ active level) 10: Interrupt on negative edge (falling) Enter Power Down mode if EXiIN = ‘1’, exit if EXxIN = ‘0’ (referred as ‘low’ active level) 11: Interrupt on any edge (rising or falling) Always enter Power Down mode, exit if EXxIN level changed. 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 EXI7SS EXI6SS EXI5SS EXI4SS EXI3SS EXI2SS EXI1SS EXI0SS R/W R/W R/W R/W R/W R/W R/W R/W EXIxSS External Interrupt x Source Selection (x=7...0) 00: Input from associated Port 2 pin. 01: Input from “alternate source”. 10: Input from Port 2 pin ORed with “alternate source”. 11: Input from Port 2 pin ANDed with “alternate source”. |