전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S29AS008J 데이터시트(PDF) 3 Page - SPANSION

부품명 S29AS008J
상세설명  8 Megabit (1M x 8-Bit / 512K x 16-Bit) CMOS 1.8 Volt-Only Boot Sector Flash Memory
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

S29AS008J 데이터시트(HTML) 3 Page - SPANSION

  S29AS008J Datasheet HTML 1Page - SPANSION S29AS008J Datasheet HTML 2Page - SPANSION S29AS008J Datasheet HTML 3Page - SPANSION S29AS008J Datasheet HTML 4Page - SPANSION S29AS008J Datasheet HTML 5Page - SPANSION S29AS008J Datasheet HTML 6Page - SPANSION S29AS008J Datasheet HTML 7Page - SPANSION S29AS008J Datasheet HTML 8Page - SPANSION S29AS008J Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. Spansion Inc. deems the products to have been in sufficient pro-
duction volume such that subsequent versions of this document are not expected to change. However, typographical or specification corrections, or modifications to the valid com-
binations offered may occur.
Publication Number S29AS008J_00
Revision 09
Issue Date November 9, 2011
Distinctive Characteristics
Architectural Advantages
 Single Power Supply Operation
– Full voltage range: 1.65 to 1.95 volt read and write operations for
battery-powered applications
 Manufactured on 110 nm Process Technology
 Secured Silicon Sector region
– 128-word/256-byte sector for permanent, secure identification
through an 8-word/16-byte random Electronic Serial Number,
accessible through a command sequence
– May be programmed and locked at the factory or by the customer
 Flexible Sector Architecture
– Eight 8 Kbyte and fifteen 64 Kbyte sectors (byte mode)
– Eight 4 Kword, and fifteen 32 Kword sectors (word mode)
 Sector Group Protection Features
– A hardware method of locking a sector to prevent any program or
erase operations within that sector
– Sectors can be locked in-system or via programming equipment
– Temporary Sector Group Unprotect feature allows code changes in
previously locked sectors
 Unlock Bypass Program Command
– Reduces overall programming time when issuing multiple program
command sequences
 Top or Bottom Boot Block Configurations Available
 Compatibility with JEDEC standards
– Pinout and software compatible with single-power supply Flash
– Superior inadvertent write protection
Performance Characteristics
 High Performance
– Access times as fast as 70 ns
– Industrial temperature range (-40°C to +85°C)
– Word programming time as fast as 6 µs (typical)
 Ultra Low Power Consumption (typical values at 5 MHz)
– 15 µA Automatic Sleep mode current
– 8 µA standby mode current
– 8 mA read current
– 20 mA program/erase current
 Cycling Endurance: 1,000,000 cycles per sector typical
 Data Retention: 20 years typical
Package Options
 48-ball BGA
 48-pin TSOP
Software Features
 CFI (Common Flash Interface) Compliant
– Provides device-specific information to the system, allowing host
software to easily reconfigure for different Flash devices
 Erase Suspend/Erase Resume
– Suspends an erase operation to read data from, or program data to,
a sector that is not being erased, then resumes the erase operation
 Data# Polling and Toggle Bits
– Provides a software method of detecting program or erase operation
completion
Hardware Features
 Ready/Busy# Pin (RY/BY#)
– Provides a hardware method of detecting program or erase cycle
completion
 Hardware Reset Pin (RESET#)
– Hardware method to reset the device to reading array data
 WP# input pin
– Write protect (WP#) function allows protection of two outermost
boot sectors (boot sector models only), regardless of sector group
protect status
S29AS008J
8 Megabit (1M x 8-Bit / 512K x 16-Bit)
CMOS 1.8 Volt-Only Boot Sector Flash Memory
Data Sheet



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com