| 전자부품 데이터시트 검색엔진 |
|
LPC81XM 데이터시트(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC81XM 데이터시트(HTML) 34 Page - NXP Semiconductors |
|
34 / 67 page ![]() LPC81xM All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Objective data sheet Rev. 1.0 — 7 November 2012 34 of 67 NXP Semiconductors LPC81xM 32-bit ARM Cortex-M0+ microcontroller [9] All oscillators and analog blocks turned off in the PDSLEEPCFG register; PDSLEEPCFG = 0x0000 18FF. [10] WAKEUP pin pulled HIGH externally. [11] Low-current mode PWR_LOW_CURRENT selected when running the set_power routine in the power profiles. [12] Including voltage on outputs in 3-state mode. [13] VDD supply voltage must be present. [14] 3-state outputs go into 3-state mode in Deep power-down mode. [15] Allowed as long as the current limit does not exceed the maximum current allowed by the device. [16] To VSS. Fig 11. Pin input/output current measurement /3& DDD SLQ3,2BQ ,2+ ,SX SLQ3,2BQ ,2/ ,SG 9'' $ $ |