| 전자부품 데이터시트 검색엔진 |
|
LPC810M021FN8 데이터시트(PDF) 34 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC810M021FN8 데이터시트(HTML) 34 Page - NXP Semiconductors |
|
34 / 313 page ![]() UM10601 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary user manual Rev. 1.0 — 7 November 2012 34 of 313 NXP Semiconductors UM10601 Chapter 4: LPC800 System configuration (SYSCON) 4.6.29 Start logic 1 interrupt wake-up enable register This register selects which interrupts wake the LPC800 from deep-sleep and power-down modes. Remark: Also enable the corresponding interrupts in the NVIC. See Table 3 “Connection of interrupt sources to the NVIC”. Table 34. Start logic 1 interrupt wake-up enable register (STARTERP1, address 0x4004 8214) bit description Bit Symbol Value Description Reset value 0 SPI0 SPI0 interrupt wake-up 0 0 Disabled 1 Enabled 1 SPI1 SPI1 interrupt wake-up 0 0 Disabled 1 Enabled 2 - Reserved - 3 USART0 USART0 interrupt wake-up. Configure USART in synchronous slave mode. 0 0 Disabled 1 Enabled 4 USART1 USART1 interrupt wake-up. Configure USART in synchronous slave mode. 0 0 Disabled 1 Enabled 5 USART2 USART2 interrupt wake-up. Configure USART in synchronous slave mode. 0 0 Disabled 1 Enabled 7:6 - Reserved - 8 I2C I2C interrupt wake-up. 0 0 Disabled 1 Enabled 11:9 - Reserved - 12 WWDT WWDT interrupt wake-up 0 0 Disabled 1 Enabled 13 BOD BOD interrupt wake-up 0 0 Disabled 1 Enabled 14 - Reserved - |