| 전자부품 데이터시트 검색엔진 |
|
LPC810M021FN8 데이터시트(PDF) 52 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC810M021FN8 데이터시트(HTML) 52 Page - NXP Semiconductors |
|
52 / 313 page ![]() UM10601 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary user manual Rev. 1.0 — 7 November 2012 52 of 313 NXP Semiconductors UM10601 Chapter 5: LPC800 Reduced power modes and Power Management 2. Once the chip has booted, read the deep power-down flag in the PCON register (Table 43) to verify that the reset was caused by a wake-up event from Deep power-down and was not a cold reset. 3. Clear the deep power-down flag in the PCON register (Table 43). 4. (Optional) Read the stored data in the general purpose registers (Section 5.6.2). 5. Set up the PMU for the next Deep power-down cycle. Remark: The RESET pin has no functionality in Deep power-down mode. For using the self wake-up timer for waking up from Deep power-down mode, see Section 14.5. |