| 전자부품 데이터시트 검색엔진 |
|
LPC810M021FN8 데이터시트(PDF) 53 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC810M021FN8 데이터시트(HTML) 53 Page - NXP Semiconductors |
|
53 / 313 page ![]() UM10601 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Preliminary user manual Rev. 1.0 — 7 November 2012 53 of 313 6.1 How to read this chapter The IOCON block is identical for all LPC800 parts. Registers for pins that are not available on a specific package are reserved. 6.2 Features The following electrical properties are configurable for each pin: • Pull-up/pull-down resistor • Open-drain mode • Hysteresis • Digital glitch filter with programmable time constant • Analog mode (for a subset of pins, see the LPC81xM data sheet) The true open-drain pins PIO0_10 and PIO0_11 can be configured for different I2C-bus speeds. 6.3 Basic configuration Enable the clock to the IOCON in the SYSAHBCLKCTRL register (Table 18, bit 18). Once the pins are configured, you can disable the IOCON clock to conserve power. UM10601 Chapter 6: LPC800 I/O configuration (IOCON) Rev. 1.0 — 7 November 2012 Preliminary user manual Table 47. Pinout summary Package Pins/configuration registers available TSSOP16 PIO0_0 to PIO0_13 TSSOP20 PIO0_0 to PIO0_17 SOP20 PIO0_0 to PIO0_17 DIP8 PIO0_0 to PIO0_5 |