전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PXD10 데이터시트(PDF) 92 Page - Freescale Semiconductor, Inc

부품명 PXD10
상세설명  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PXD10 데이터시트(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button PXD10 Datasheet HTML 88Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 89Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 90Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 91Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 92Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 93Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 94Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 95Page - Freescale Semiconductor, Inc PXD10 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 130 page
background image
Electrical characteristics
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
92
3.14
Fast internal RC oscillator (16 MHz) electrical characteristics
The device provides a 16 MHz fast internal RC oscillator. This is used as the default clock at the power-up
of the device.
3.15
Slow internal RC oscillator (128 kHz) electrical characteristics
The device provides a 128 kHz slow internal RC oscillator. This can be used as the reference clock for the
RTC module.
Table 43. Fast internal RC oscillator (16 MHz) electrical characteristics
Symbol
C
Parameter
Conditions1
NOTES:
1 V
DD = 3.3 V ± 10% / 5.0 V ± 10%, TA = 40 to 105 °C, unless otherwise specified.
Value
Unit
Min Typ Max
fFIRC
CC P Fast internal RC oscillator high
frequency
TA = 25 °C, trimmed
16
MHz
SR —
—
12
20
FIRCVAR
CC C Fast internal RC oscillator
variation across temperature
(TA = -40°C to 105°C) and
supply with respect to fFIRC at
TA = 25 °C in high-frequency
configuration
Trimmed
—
5—
+5
%
IFIRCRUN CC D Fast internal RC oscillator high
frequency current in running
mode
TA = 25 °C, trimmed —
—
—
200
µA
IFIRCPWD CC D Fast internal RC oscillator high
frequency current in power
down mode
TA = 25 °C
—
—
—
1
µA
IFIRCSTOP CC D Fast internal RC oscillator high
frequency and system clock
current in stop mode
TA = 25 °C
sysclk = off
—
0.3
—
mA
D
sysclk = 2 MHz
—
2
—
D
sysclk = 4 MHz
—
2.5
—
D
sysclk = 8 MHz
—
3.3
—
D
sysclk = 16 MHz
—
5.2
—
tFIRCSU
CC P Fast internal RC oscillator
start-up time
VDD = 5.0 V ± 10% —
1
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com