전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG5412 데이터시트(PDF) 7 Page - Analog Devices

부품명 ADG5412
상세설명  High Voltage Latch-Up Proof, Quad SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG5412 데이터시트(HTML) 7 Page - Analog Devices

Back Button ADG5412 Datasheet HTML 3Page - Analog Devices ADG5412 Datasheet HTML 4Page - Analog Devices ADG5412 Datasheet HTML 5Page - Analog Devices ADG5412 Datasheet HTML 6Page - Analog Devices ADG5412 Datasheet HTML 7Page - Analog Devices ADG5412 Datasheet HTML 8Page - Analog Devices ADG5412 Datasheet HTML 9Page - Analog Devices ADG5412 Datasheet HTML 10Page - Analog Devices ADG5412 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADG5412/ADG5413
Rev. A | Page 7 of 20
Parameter
25°C
−40°C to +85°C
−40°C to +125°C
Unit
Test Conditions/Comments
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.002
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
2.5
pF typ
DYNAMIC CHARACTERISTICS1
tON
180
ns typ
RL = 300 Ω, CL = 35 pF
220
230
248
ns max
VS = 18 V; see Figure 31
tOFF
130
ns typ
RL = 300 Ω, CL = 35 pF
169
167
174
ns max
VS = 18 V; see Figure 31
Break-Before-Make Time Delay, tD
(ADG5413 Only)
25
ns typ
RL = 300 Ω, CL = 35 pF
8
ns min
VS1 = VS2 = 18 V; see Figure 30
Charge Injection, QINJ
280
pC typ
VS = 18 V, RS = 0 Ω, CL = 1 nF;
see Figure 32
Off Isolation
−78
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 26
Channel-to-Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
Figure 25
Total Harmonic Distortion + Noise
0.03
% typ
RL = 1 kΩ, 18 V p-p, f = 20 Hz
to 20 kHz; see Figure 28
−3 dB Bandwidth
174
MHz typ
RL = 50 Ω, CL = 5 pF; see
Figure 29
Insertion Loss
−0.8
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 29
CS (Off )
18
pF typ
VS = 18 V, f = 1 MHz
CD (Off )
18
pF typ
VS = 18 V, f = 1 MHz
CD (On), CS (On)
58
pF typ
VS = 18 V, f = 1 MHz
POWER REQUIREMENTS
VDD = 39.6 V
IDD
80
μA typ
Digital inputs = 0 V or VDD
100
130
μA max
VDD
9/40
V min/V max
GND = 0 V, VSS = 0 V
1 Guaranteed by design; not subject to production test.
CONTINUOUS CURRENT PER CHANNEL, Sx OR Dx
Table 5.
Parameter
25°C
85°C
125°C
Unit
CONTINUOUS CURRENT, Sx OR Dx
VDD = +15 V, VSS = −15 V
TSSOP (θJA = 112.6°C/W)
89
59
37
mA maximum
LFCSP (θJA = 30.4°C/W)
160
94
49
mA maximum
VDD = +20 V, VSS = −20 V
TSSOP (θJA = 112.6°C/W)
95
63
39
mA maximum
LFCSP (θJA = 30.4°C/W)
170
98
50
mA maximum
VDD = 12 V, VSS = 0 V
TSSOP (θJA = 112.6°C/W)
61
43
29
mA maximum
LFCSP (θJA = 30.4°C/W)
110
70
42
mA maximum
VDD = 36 V, VSS = 0 V
TSSOP (θJA = 112.6°C/W)
80
54
35
mA maximum
LFCSP (θJA = 30.4°C/W)
144
87
47
mA maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com