전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG5412 데이터시트(PDF) 18 Page - Analog Devices

부품명 ADG5412
상세설명  High Voltage Latch-Up Proof, Quad SPST Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG5412 데이터시트(HTML) 18 Page - Analog Devices

Back Button ADG5412 Datasheet HTML 12Page - Analog Devices ADG5412 Datasheet HTML 13Page - Analog Devices ADG5412 Datasheet HTML 14Page - Analog Devices ADG5412 Datasheet HTML 15Page - Analog Devices ADG5412 Datasheet HTML 16Page - Analog Devices ADG5412 Datasheet HTML 17Page - Analog Devices ADG5412 Datasheet HTML 18Page - Analog Devices ADG5412 Datasheet HTML 19Page - Analog Devices ADG5412 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
ADG5412/ADG5413
Rev. A | Page 18 of 20
APPLICATIONS INFORMATION
The ADG54xx family of switches and multiplexers provide a
robust solution for instrumentation, industrial, automotive,
aerospace, and other harsh environments that are prone to
latch-up, which is an undesirable high current state that can
lead to device failure and persists until the power supply is
turned off. The ADG5412/ADG5413 high voltage switches
allow single-supply operation from 9 V to 40 V and dual-supply
operation from ±9 V to ±22 V. The ADG5412/ADG5413 (as
well as other select devices within the same family) achieve an
8 kV human body model ESD rating, which provides a robust
solution eliminating the need for separate protect circuitry
designs in some applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com