전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADG5436 데이터시트(PDF) 9 Page - Analog Devices

부품명 ADG5436
상세설명  High Voltage Latch-Up Proof, Dual SPDT Switches
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADG5436 데이터시트(HTML) 9 Page - Analog Devices

Back Button ADG5436 Datasheet HTML 5Page - Analog Devices ADG5436 Datasheet HTML 6Page - Analog Devices ADG5436 Datasheet HTML 7Page - Analog Devices ADG5436 Datasheet HTML 8Page - Analog Devices ADG5436 Datasheet HTML 9Page - Analog Devices ADG5436 Datasheet HTML 10Page - Analog Devices ADG5436 Datasheet HTML 11Page - Analog Devices ADG5436 Datasheet HTML 12Page - Analog Devices ADG5436 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADG5436
Rev. A | Page 9 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
IN1
1
S1A
2
D1
3
S1B
4
NC
16
NC
15
NC
14
VDD
13
VSS 5
S2B
12
GND
6
D2
11
NC
7
S2A
10
NC
8
IN2
9
NC = NO CONNECT
ADG5436
TOP VIEW
(Not to Scale)
Figure 3. TSSOP Pin Configuration
NOTES
1. EXPOSED PAD TIED TO SUBSTRATE, VSS.
2. NC = NO CONNECT.
PIN 1
INDICATOR
1
D1
2
S1B
3
VSS
4
GND
11 VDD
12 EN
10 S2B
9
D2
TOP VIEW
(Not to Scale)
ADG5436
Figure 4. LFCSP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
TSSOP
LFCSP
Mnemonic
Function
1
15
IN1
Logic Control Input 1.
2
16
S1A
Source Terminal 1A. This pin can be an input or output.
3
1
D1
Drain Terminal 1. This pin can be an input or output.
4
2
S1B
Source Terminal 1B. This pin can be an input or output.
5
3
VSS
Most Negative Power Supply Potential.
6
4
GND
Ground (0 V) Reference.
7, 8, 14 to 16
5, 7, 13, 14
NC
No Connect.
9
6
IN2
Logic Control Input 2.
10
8
S2A
Source Terminal 2A. This pin can be an input or output.
11
9
D2
Drain Terminal 2. This pin can be an input or output.
12
10
S2B
Source Terminal 2B. This pin can be an input or output.
13
11
VDD
Most Positive Power Supply Potential.
N/A
12
EN
Active High Digital Input. When this pin is low, the device is disabled and all switches are
off. When this pin is high, INx logic inputs determine the on switches.
EP
Exposed Pad
The exposed pad is connected internally. For increased reliability of the solder joints and
maximum thermal capability, it is recommended that the pad be soldered to the substrate, VSS.
TRUTH TABLE FOR SWITCHES
Table 8. ADG5436 TSSOP Truth Table
INx
SxA
SxB
0
Off
On
1
On
Off
Table 9. ADG5436 LFCSP Truth Table
EN
INx
SxA
SxB
0
X
Off
Off
1
0
Off
On
1
1
On
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com