전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALT6705RM45P9 데이터시트(PDF) 6 Page - ANADIGICS, Inc

부품명 ALT6705RM45P9
상세설명  HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6705RM45P9 데이터시트(HTML) 6 Page - ANADIGICS, Inc

Back Button ALT6705RM45P9 Datasheet HTML 2Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 3Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 4Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 5Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 6Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 7Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 8Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 9Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 10Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
Data Sheet - Rev 2.5
03/2012
ALT6705
Table6:ElectricalSpecifications-CDMA2000Operation(RC-1waveform)
(TC=+25°C,VBATT=VCC=+3.4V,VENABLE =+1.8V,50Ω system)
Notes:
(1) ACLR and Efficiency measured at 832 MHz.
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
POUT
VMODE1
VMODE2
Gain
26
16
10
29
19
13.5
32
22
16
dB
POUT = +27.7 dBm
POUT = +16 dBm
POUT = +7 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Adjacent Channel Power
at ±885 kHz offset (1)
Primary Channel BW = 1.23 MHz
Adjacent Channel BW = 30 kHz
-
-
-
-50
-50
-50
-46.5
-46.5
-46.5
dBc
POUT = +27.7 dBm
POUT = +16 dBm
POUT = +7 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Adjacent Channel Power
at ±1.98 MHz offset (1)
Primary Channel BW = 1.23 MHz
Adjacent Channel BW = 30 kHz
-
-
-
-59
-60
-60
-56
-56
-56
dBc
POUT = +27.7 dBm
POUT = +16 dBm
POUT = +7 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Power-Added Efficiency (1)
33
20
13
37
23
17
-
-
-
%
POUT = +27.7 dBm
POUT = +16 dBm
POUT = +7 dBm
0 V
1.8 V
1.8 V
0 V
0 V
1.8 V
Spurious Output Level
(all spurious outputs)
--
-70dBc
POUT < +27.7 dBm
In-band Load VSWR < 5:1
Out-of-band Load VSWR < 10:1
Applies over all operating conditions
Load mismatch stress with no
permanent degradation or failure
8:1-
-
VSWRApplies over all operating conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com