전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALT6705RM45P9 데이터시트(PDF) 7 Page - ANADIGICS, Inc

부품명 ALT6705RM45P9
상세설명  HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6705RM45P9 데이터시트(HTML) 7 Page - ANADIGICS, Inc

Back Button ALT6705RM45P9 Datasheet HTML 3Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 4Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 5Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 6Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 7Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 8Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 9Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 10Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 11Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Data Sheet - Rev 2.5
03/2012
ALT6705
APPLICATION INFORMATION
Table 7: Bias Control
Figure 3: Evaluation Board Schematic
To ensure proper performance, refer to all related
Application Notes on theANADIGICS web site:
http://www.anadigics.com
Shutdown Mode
Thepoweramplifiermaybeplacedinashutdownmode
byapplyinglogiclowlevels(seeOperatingRanges
table) to the VEN, VMODE1 and VMODE2 voltages.
Bias Modes
The power amplifier may be placed in either Low,
Medium or High Bias modes by applying the
appropriate logic level (see Operating Ranges table)
to the VMODEvoltages.TheBiasControltablebelow
lists the recommended modes of operation for various
applications.
Three operating modes are recommended to optimize
currentconsumption.HighBias/HighPoweroperating
mode is for POUT levels > 17 dBm.At ~17dBm - 8
dBm,thePAshouldbe“ModeSwitched”toMedium
PowerMode.ForPOUT levels <~7dBm,thePAcanbe
switchedtoLowPowerModeforevenlowerquiescent
current consumption.
C3
330 pF
C4
2.2 µF ceramic
RFIN
1
6
7
10
8
5
4
3
VBATT
VMODE1
RFOUT
RFIN
GND
VCC
VEN
CPLOUT
VCC
C1
0.01 µF
VBATT
VMODE1
VEN
CPLIN
VMODE2
29
VMODE2
C5
2.2 µF
C2
0.01 µF
GND at slug
CPLIN
CPLOUT
RFOUT
C9
100 pF
APPLICATION
POUT
LEVELS
BIAS
MODE
VEN
VMODE1
VMODE2
VCC
VBATT
Lowpower
(LowBiasMode)
+7dBm
Low
+1.8 V
+1.8 V
+1.8 V
3.1 - 4.35 V
> 3.1 V
Medpower
(Medium Bias Mode)
>7dBm
+17dBm
Low
+1.8 V
+1.8 V
0 V
3.1 - 4.35 V
> 3.1 V
Highpower
(High Bias Mode)
>+17dBm
High
+1.8 V
0 V
0 V
3.1 - 4.35 V
> 3.1 V
Shutdown
-
Shutdown
0 V
0 V
0 V
3.1 - 4.35 V
> 3.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com