전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ALT6705RM45P9 데이터시트(PDF) 12 Page - ANADIGICS, Inc

부품명 ALT6705RM45P9
상세설명  HELP4 UMTS800 (Bands 5, 6, 18, 19, & 26) LTE, WCDMA, CDMA Multimode PAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANADIGICS [ANADIGICS, Inc]
홈페이지  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT6705RM45P9 데이터시트(HTML) 12 Page - ANADIGICS, Inc

Back Button ALT6705RM45P9 Datasheet HTML 4Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 5Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 6Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 7Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 8Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 9Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 10Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 11Page - ANADIGICS, Inc ALT6705RM45P9 Datasheet HTML 12Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
warning
ANADIGICS products are not intended for use in life support appliances, devices or systems. Use of an ANADIGICS product
in any such application without written consent is prohibited.
iMPOrTanT nOTiCE
anaDigiCS
141 Mount Bethel Road
Warren, New Jersey 07059, U.S.A.
Tel: +1 (908) 668-5000
Fax: +1 (908) 668-5132
URL: http://www.anadigics.com
ANADIGICS, Inc. reserves the right to make changes to its products or to discontinue any product at any time without notice.
The product specifications contained in Advanced Product Information sheets and Preliminary Data Sheets are subject to
change prior to a product’s formal introduction. Information in Data Sheets have been carefully checked and are assumed
to be reliable; however, ANADIGICS assumes no responsibilities for inaccuracies. ANADIGICS strongly urges customers
to verify that the information they are using is current before placing orders.
Data Sheet - Rev 2.5
03/2012
12
ALT6705
ORDERING INFORMATION
ORDER NUMBER TEMPERATURE
RANGE
PACKAGE
DESCRIPTION
COMPONENT PACKAGING
ALT6705RM45Q7-40 oC to +90 oC
RoHS Compliant 10 Pin
3 mm x 3 mm x 1 mm
Surface Mount Module
Tape and Reel, 2500 pieces per Reel
ALT6705RM45P9-40 oC to +90 oC
RoHS Compliant 10 Pin
3 mm x 3 mm x 1 mm
Surface Mount Module
Partial Tape and Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com