전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD6432 데이터시트(PDF) 19 Page - Analog Devices

부품명 AD6432
상세설명  GSM 3 V Transceiver IF Subsystem
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD6432 데이터시트(HTML) 19 Page - Analog Devices

Back Button AD6432 Datasheet HTML 12Page - Analog Devices AD6432 Datasheet HTML 13Page - Analog Devices AD6432 Datasheet HTML 14Page - Analog Devices AD6432 Datasheet HTML 15Page - Analog Devices AD6432 Datasheet HTML 16Page - Analog Devices AD6432 Datasheet HTML 17Page - Analog Devices AD6432 Datasheet HTML 18Page - Analog Devices AD6432 Datasheet HTML 19Page - Analog Devices AD6432 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
AD6432
–19–
REV. 0
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
44-Lead Plastic Thin Quad Flatpack (TQFP)
(ST-44)
TOP VIEW
(PINS DOWN)
1
33
34
44
11
12
23
22
0.018 (0.45)
0.012 (0.30)
0.031 (0.80)
BSC
0.394
(10.0)
SQ
0.472 (12.00) SQ
0.057 (1.45)
0.053 (1.35)
0.006 (0.15)
0.002 (0.05)
SEATING
PLANE
0.063 (1.60)
MAX
0.030 (0.75)
0.018 (0.45)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com