전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FJ128GA310 데이터시트(PDF) 7 Page - Microchip Technology

부품명 PIC24FJ128GA310
상세설명  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 데이터시트(HTML) 7 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 3Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 4Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 5Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 6Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 7Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 8Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 9Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 10Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 7
PIC24FJ128GA310 FAMILY
TABLE 1:
COMPLETE PIN FUNCTION DESCRIPTIONS FOR 121-PIN DEVICES
PinFunctionPin
Function
A1
SEG63/PMD4/LVDIN/CTED8/CN62/RE4
E1
AN16/RPI41/SEG53/PMCS2/CN48/RC4
A2
COM0/PMD3/CTED9/CN61/RE3
E2
RPI40/
SEG33/CN47/RC3
A3
SEG62/CTED10/CN80/RG13
E3
AN17/C1IND/RP21/SEG0/PMA5/CN8/RG6
A4
COM3/PMD0/CN58/RE0
E4
RPI39/
SEG52/CN46/RC2
A5
SEG50/PMD8/CN77/RG0
E5
N/C
A6
SEG48/COM4/PMD10/CN69/RF1
E6
SEG46/PMD9/CN78/RG1
A7
VBAT
E7
N/C
A8
N/C
E8
RPI35/
SEG43/PMBE1/CN44/RA15
A9
RPI42/
SEG44/PMD12/CN57/RD12
E9
RP2/
SEG13/RTCC/CN53/RD8
A10
RP23/
SEG21/PMACK1/CN51/RD2
E10
RP4
/SEG14/PMACK2/CN54/RD9
A11
RP24/
SEG20/CN50/RD1
E11
RPI36/
SEG42/PMA22/CN43/RA14
B1
N/C
F1
MCLR
B2
SEG51/CTED3/CN82/RG15
F2
VLCAP2/AN19/C2IND/RP19/PMA3/CN10/RG8
B3
COM1/PMD2/CN60/RE2
F3
AN20/C2INC/RP27/SEG1/PMA2/CN11/RG9
B4
COM2/PMD1/CN59/RE1
F4
VLCAP1/AN18/C1INC/RP26/PMA4/CN9/RG7
B5
AN22/SEG59/PMA17/CN40/RA7
F5
VSS
B6
SEG27/PMD11/CN68/RF0
F6
N/C
B7
VCAP
F7
N/C
B8
RP20/
SEG24/PMRD/CN14/RD5
F8
VDD
B9
RP22/
SEG22/PMBE0/CN52/RD3
F9
OSCI/CLKI/CN23/RC12
B10
VSS
F10
VSS
B11
RPI37/SOSCO/SCLKI/RC14
F11
OSCO/CLKO/CN22/RC15
C1
PMD6/LCDBIAS1/CN64/RE6
G1
RPI33/
SEG34/PMCS1/CN66/RE8
C2
VDD
G2
AN21/RPI34/SEG35/PMPA19/CN67/RE9
C3
SEG61/CN79/RG12
G3
TMS/SEG49/CTED0/CN33/RA0
C4
SEG60/PMA16/CTED11/CN81/RG14
G4
N/C
C5
AN23/SEG58/CN39/RA6
G5
VDD
C6
N/C
G6
VSS
C7
C3INA/SEG26/PMD15/CN16/RD7
G7
VSS
C8
RP25/
SEG23/PMWR/CN13/RD4
G8
N/C
C9
N/C
G9
TDO/CN38/RA5
C10
SOSCI/RC13
G10
SDA2/SEG57/PMA20/CN36/RA3
C11
RP12/
SEG16/C3INC/PMA14/CS1/CN56/RD11
G11
TDI/PMA21/CN37/RA4
D1
RPI38/
SEG32/CN45/RC1
H1
PGEC3/AN5/C1INA/RP18/SEG2/CN7/RB5
D2
PMD7/LCDBIAS0/CN65/RE7
H2
PGED3/AN4/C1INB/RP28/SEG3/CN6/RB4
D3
PMD5/CTED4/LCDBIAS2/CN63/RE5
H3
N/C
D4
N/C
H4
N/C
D5
N/C
H5
N/C
D6
N/C
H6
VDD
D7
C3INB/SEG25/PMD14/CN15/RD6
H7
N/C
D8
SEG45/PMD13/CN19/RD13
H8
CN83/RF7
D9
RP11/
SEG17/CN49/RD0
H9
INT0/CN84/RF6
D10
N/C
H10
SCL1/SEG28/CN72/RG2
D11
RP3/
SEG15/C3IND/PMA15/CS2/CN55/RD10
H11
SCL2/SEG56/CN35/RA2
Legend:
RPn
and RPIn represent remappable pins for Peripheral Pin Select functions.
Note:
Pinouts are subject to change.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More