| 전자부품 데이터시트 검색엔진 |
|
PIC24FJ128GA310 데이터시트(PDF) 18 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC24FJ128GA310 데이터시트(HTML) 18 Page - Microchip Technology |
|
18 / 406 page ![]() PIC24FJ128GA310 FAMILY PIC24FJDS39996F-page 18 2010-2011 Microchip Technology Inc. CN2 16 20 25 K2 I ST Interrupt-on-Change Inputs. CN3 15 19 24 K1 I ST CN4 14 18 23 J2 I ST CN5 13 17 22 J1 I ST CN6 12 16 21 H2 I ST CN7 11 15 20 H1 I ST CN8 4 6 10 E3 I ST CN9 5 7 11 F4 I ST CN10 6 8 12 F2 I ST CN11 8 10 14 F3 I ST CN12 303644L8 I ST CN13 526681 C8 I ST CN14 536782 B8 I ST CN15 546883 D7 I ST CN16 556984 C7 I ST CN17 313949 L10 I ST CN18 324050 L11 I ST CN19 — 65 80 D8 I ST CN20 — 37 47 L9 I ST CN21 — 38 48 K9 I ST CN22 405064 F11 I ST CN23 394963 F9 I ST CN24 172126L1 I ST CN25 182227 J3 I ST CN26 212732 K4 I ST CN27 222833L4 I ST CN28 232934L5 I ST CN29 243035 J5 I ST CN30 273341 J7 I ST CN31 283442L7 I ST CN32 293543 K7 I ST CN33 — — 17 G3 I ST CN34 — — 38 J6 I ST CN35 — — 58 H11 I ST CN36 — — 59 G10 I ST CN37 — — 60 G11 I ST CN38 — — 61 G9 I ST CN39 — — 91 C5 I ST CN40 — — 92 B5 I ST CN41 — 23 28 L2 I ST CN42 — 24 29 K3 I ST CN43 — 52 66 E11 I ST TABLE 1-4: PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED) Pin Function Pin Number/Grid Locator I/O Input Buffer Description 64-Pin TQFP 80-Pin TQFP 100-Pin TQFP 121-Pin BGA Legend: TTL = TTL input buffer ST = Schmitt Trigger input buffer ANA = Analog level input/output I2C™ = I2C/SMBus input buffer |