전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FJ128GA310 데이터시트(PDF) 82 Page - Microchip Technology

부품명 PIC24FJ128GA310
상세설명  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 데이터시트(HTML) 82 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 78Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 79Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 80Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 81Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 82Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 83Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 84Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 85Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 86Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 82
 2010-2011 Microchip Technology Inc.
TABLE 5-1:
DMA TRIGGER SOURCES
CHSEL<5:0>
Trigger (Interrupt)
CHSEL<5:0>
Trigger (Interrupt)
000000
(Unimplemented)
100000
UART2 Transmit
000001
JTAG
100001
UART2 Receive
000010
LCD
100010
External Interrupt 2
000011
UART4 Transmit
100011
Timer5
000100
UART4 Receive
100100
Timer4
000101
UART4 Error
100101
Output Compare 4
000110
UART3 Transmit
100110
Output Compare 3
000111
UART3 Receive
100111
DMA Channel 2
001000
UART3 Error
101000
Input Capture 7
001001
CTMU Event
101001
External Interrupt 1
001010
HLVD
101010
Interrupt-on-Change
001011
CRC Done
101011
Comparators Event
001100
UART2 Error
101100
I2C1 Master Event
001101
UART1 Error
101101
I2C1 Slave Event
001110
RTCC
101110
DMA Channel 1
001111
DMA Channel 5
101111
A/D Converter
010000
External Interrupt 4
110000
UART1 Transmit
010001
External Interrupt 3
110001
UART1 Receive
010010
I2C2 Master Event
110010
SPI1 Event
010011
I2C2 Slave Event
110011
SPI1 Error
010100
DMA Channel 4
110100
Timer3
010101
EPMP
110101
Timer2
010110
Output Compare 7
110110
Output Compare 2
010111
Output Compare 6
110111
Input Capture 2
011000
Output Compare 5
111000
DMA Channel 0
011001
Input Capture 6
111001
Timer1
011010
Input Capture 5
111010
Output Compare 1
011011
Input Capture 4
111011
Input Capture 1
011100
Input Capture 3
111100
External Interrupt 0
011101
DMA Channel 3
111101
(Unimplemented)
011110
SPI2 Event
111110
(Unimplemented)
011111
SPI2 Error
111111
(Unimplemented)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More