전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FJ128GA310 데이터시트(PDF) 142 Page - Microchip Technology

부품명 PIC24FJ128GA310
상세설명  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 데이터시트(HTML) 142 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 138Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 139Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 140Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 141Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 142Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 143Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 144Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 145Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 146Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 142
 2010-2011 Microchip Technology Inc.
REGISTER 8-44:
INTTREG: INTERRUPT CONTROLLER TEST REGISTER
R-0, HSC
U-0
R/W-0
U-0
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
CPUIRQ
—VHOLD
—
ILR3ILR2ILR1
ILR0
bit 15
bit 8
U-0
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
R-0, HSC
—
VECNUM6
VECNUM5
VECNUM4
VECNUM3
VECNUM2
VECNUM1
VECNUM0
bit 7
bit 0
Legend:
HSC = Hardware Settable/Clearable bit
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
CPUIRQ:
Interrupt Request from Interrupt Controller CPU bit
1
= An interrupt request has occurred but has not yet been Acknowledged by the CPU. This happens
when the CPU priority is higher than the interrupt priority
0
= No interrupt request is unacknowledged
bit 14
Unimplemented:
Read as ‘0’
bit 13
VHOLD:
Vector Number Capture Configuration bit
1
= The VECNUM bits contain the value of the highest priority pending interrupt
0
= The VECNUM bits contain the value of the last Acknowledged interrupt (i.e., the last interrupt that
has occurred with higher priority than the CPU, even if other interrupts are pending)
bit 12
Unimplemented:
Read as ‘0’
bit 11-8
ILR<3:0>:
New CPU Interrupt Priority Level bits
1111
= CPU interrupt priority level is 15
•
•
•
0001
= CPU interrupt priority level is 1
0000
= CPU interrupt priority level is 0
bit 7
Unimplemented:
Read as ‘0’
bit 6-0
VECNUM<5:0>:
Vector Number of Pending Interrupt or Last Acknowledged Interrupt bits
VHOLD = 1: The VECNUM bits indicate the vector number (from 0 to 118) of the last interrupt to occur
VHOLD = 0: The VECNUM bits indicate the vector number (from 0 to 118) of the interrupt request
currently being handled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com