전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC24FJ128GA310 데이터시트(PDF) 171 Page - Microchip Technology

부품명 PIC24FJ128GA310
상세설명  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 데이터시트(HTML) 171 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 167Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 168Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 169Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 170Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 171Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 172Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 173Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 174Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 175Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 171
PIC24FJ128GA310 FAMILY
REGISTER 11-5:
ANSE: PORTE ANALOG FUNCTION SELECTION REGISTER(1)
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
U-0
—
—
—
—
—
—
ANSE9(2)
—
bit 15
bit 8
R/W-1
R/W-1
R/W-1
R/W-1
U-0
U-0
U-0
U-0
ANSE7
ANSE6
ANSE5
ANSE4
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-10
Unimplemented:
Read as ‘0’
bit 9
ANSE9:
Analog Function Selection bits(2)
1
= Pin is configured in Analog mode; I/O port read is disabled
0
= Pin is configured in Digital mode; I/O port read is enabled
bit 8
Unimplemented:
Read as ‘0’
bit 7-4
ANSE<7:4>:
Analog Function Selection bits(1)
1
= Pin is configured in Analog mode; I/O port read is disabled
0
= Pin is configured in Digital mode; I/O port read is enabled
bit 3-0
Unimplemented:
Read as ‘0’
Note 1:
This register is not available in 64-pin and 80-pin devices.
2:
This bit is unimplemented on 64-pin devices. In 80-pin devices, this bit needs to be cleared to get digital
functionality on RE9.
REGISTER 11-6:
ANSG: PORTG ANALOG FUNCTION SELECTION REGISTER
U-0
U-0
U-0
U-0
U-0
U-0
R/W-1
R/W-1
—
—
—
—
—
—
ANSG9
ANSG8
bit 15
bit 8
R/W-1
R/W-1
U-0
U-0
U-0
U-0
U-0
U-0
ANSG7
ANSG6
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-10
Unimplemented:
Read as ‘0’
bit 9-6
ANSG<9:6>:
Analog Function Selection bits
1
= Pin is configured in Analog mode; I/O port read is disabled
0
= Pin is configured in Digital mode; I/O port read is enabled
bit 5-0
Unimplemented:
Read as ‘0’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com