전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STM32F407IE 데이터시트(PDF) 53 Page - STMicroelectronics

부품명 STM32F407IE
상세설명  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F407IE 데이터시트(HTML) 53 Page - STMicroelectronics

Back Button STM32F407IE Datasheet HTML 49Page - STMicroelectronics STM32F407IE Datasheet HTML 50Page - STMicroelectronics STM32F407IE Datasheet HTML 51Page - STMicroelectronics STM32F407IE Datasheet HTML 52Page - STMicroelectronics STM32F407IE Datasheet HTML 53Page - STMicroelectronics STM32F407IE Datasheet HTML 54Page - STMicroelectronics STM32F407IE Datasheet HTML 55Page - STMicroelectronics STM32F407IE Datasheet HTML 56Page - STMicroelectronics STM32F407IE Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 180 page
background image
STM32F405xx, STM32F407xx
Pinouts and pin description
Doc ID 022152 Rev 3
53/180
49 A2 76 109 A14 137
PA14
(JTCK-SWCLK)
I/O
FT
JTCK-SWCLK/ EVENTOUT
50 B3 77 110 A13 138
PA15
(JTDI)
I/O
FT
JTDI/ SPI3_NSS/
I2S3_WS/TIM2_CH1_ETR
/ SPI1_NSS / EVENTOUT
51 D5 78 111 B14 139
PC10
I/O
FT
SPI3_SCK / I2S3_CK/
UART4_TX/SDIO_D2 /
DCMI_D8 / USART3_TX/
EVENTOUT
52 C4 79 112 B13 140
PC11
I/O
FT
UART4_RX/ SPI3_MISO /
SDIO_D3 /
DCMI_D4/USART3_RX /
I2S3ext_SD/ EVENTOUT
53 A3 80 113 A12 141
PC12
I/O
FT
UART5_TX/SDIO_CK /
DCMI_D9 / SPI3_MOSI
/I2S3_SD / USART3_CK/
EVENTOUT
-
D6 81 114 B12 142
PD0
I/O
FT
FSMC_D2/CAN1_RX/
EVENTOUT
-C5 82 115 C12 143
PD1
I/O
FT
FSMC_D3 / CAN1_TX/
EVENTOUT
54 B4 83 116 D12 144
PD2
I/O
FT
TIM3_ETR/UART5_RX/
SDIO_CMD / DCMI_D11/
EVENTOUT
-
-
84 117 D11 145
PD3
I/O
FT
FSMC_CLK/USART2_CTS
/ EVENTOUT
-A4 85 118 D10 146
PD4
I/O
FT
FSMC_NOE/USART2_RTS
/ EVENTOUT
-C6 86 119 C11 147
PD5
I/O
FT
FSMC_NWE/USART2_TX/
EVENTOUT
-
-
-
120 D8 148
VSS
S
-
-
-
121 C8 149
VDD
S
-
B5 87 122 B11 150
PD6
I/O
FT
FSMC_NWAIT/
USART2_RX/ EVENTOUT
-
A5 88 123 A11 151
PD7
I/O
FT
USART2_CK/FSMC_NE1/
FSMC_NCE2/ EVENTOUT
--
-
124 C10 152
PG9
I/O
FT
USART6_RX /
FSMC_NE2/FSMC_NCE3/
EVENTOUT
Table 6.
STM32F40x pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)(1)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More