전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KTPFPGMEVMEUG 데이터시트(PDF) 34 Page - Freescale Semiconductor, Inc

부품명 KTPFPGMEVMEUG
상세설명  KITPFPGMEVME Programmer for PF Series Devices
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

KTPFPGMEVMEUG 데이터시트(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button KTPFPGMEVMEUG Datasheet HTML 30Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 31Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 32Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 33Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 34Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 35Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 36Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 37Page - Freescale Semiconductor, Inc KTPFPGMEVMEUG Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
KTPFPGMEVMEUG, Rev. 2.0
34
Freescale Semiconductor
Graphical User Interface Description
SW1x:VSTBY:<value>
Sets the SW1x output voltage to the STANDBY mode. Operating range
from 0.300 V to 1.875 V in 0.025 V steps.
SW1x:OFF:<value>
Sets the SW1x output voltage to the OFF Mode. Operating range from
0.300 V to 1.875 V in 0.025 V steps.
SW1x:ILIM:<operator>
Enables/disables the SW1x current limit. Valid operators:
•ON
•OFF
SWx:MODE:<operator>
Sets the mode of operation of the SWx regulator. Following are valid
operators:
•OFF
•PFM
•PWM
• APS
SWx:VOUT:<value>
Sets the SWx output voltage to normal operation. Full operating range
from 0.300 V to 3.300 V divided into two operating ranges(3):
• Low Voltage Range > 0.300 V to 1.875 V in 0.025 V steps.
• High voltage Range > 0.800 V to 3.300 V in 0.050 V steps.
SWx:VSTBY:<value>
Sets the SWx output voltage to the STANDBY mode. Full operating range
from 0.300 V to 3.300 V divided in two operating ranges(3):
• Low Voltage Range > 0.300 V to 1.875 V in 0.025 V steps.
• High voltage Range > 0.800 V to 3.300 V in 0.050 V steps.
SWx:OFF:<value>
Sets the SWx output voltage to the OFF mode. Full operating range from
0.300 V to 3.300 V divided into two operating ranges(3):
• Low Voltage Range > 0.300 V to 1.875 V in 0.025 V steps.
• High voltage Range > 0.800 V to 3.300 V in 0.050 V steps.
SWx:ILIM:<operator>
Enables/disables the SWx current limit. Valid operators:
•ON
•OFF
SWBST:VOUT:<value>
Set the output voltage of the SWBST regulator.
Valid output voltage:
•5.000
•5.050
•5.100
•5.150
SWBST:ON
Enables SWBST regulator
SWBST:OFF
Disables SWBST regulator.
VGENx:ON
Enables the VGENx supply.
VGENx:OFF
Disables the VGENx supply.
VGENx:VOUT:<value>
Sets the output voltage for VGENx supply.
• VGEN1/2 operating range: 0.800 V to 1.550 V with 50 mV steps.
• VGEN3/4/5/6 operating range: 1.800 V to 3.3 V with 100 mV steps.
VREFDDR:ON
Enables the VREFDDR supply.
Table 2. Command List(1)
Command
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com