| 전자부품 데이터시트 검색엔진 |
|
KTPFPGMEVMEUG 데이터시트(PDF) 36 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
KTPFPGMEVMEUG 데이터시트(HTML) 36 Page - Freescale Semiconductor, Inc |
|
36 / 48 page ![]() KTPFPGMEVMEUG, Rev. 2.0 36 Freescale Semiconductor Graphical User Interface Description LOG:INT:<Int operator> Shows the status of the corresponding interrupt bit. Interrupt operators are as follows: • 110_DEGREES • 120_DEGREES • 125_DEGREES • 130_DEGREES • SW1A_OVERCURRENT • SW1C_OVERCURRENT • SW2_OVERCURRENT • SW3A_OVERCURRENT • SW3B_OVERCURRENT • SW4_OVERCURRENT • SWBST_OVERCURRENT • VGEN1_OVERCURRENT • VGEN2_OVERCURRENT • VGEN3_OVERCURRENT • VGEN4_OVERCURRENT • VGEN5_OVERCURRENT • VGEN6_OVERCURRENT 1. All characters (except for the "Float" subcommand) have to be entered in uppercase. 2. The register and data values should be entered as hexadecimal numbers, for example: 0x20 is entered as 20. 3. The output voltage operating range is set during OTP programming and cannot be changed under normal PMIC control. Table 2. Command List(1) Command Description |