| 전자부품 데이터시트 검색엔진 |
|
KTPFPGMEVMEUG 데이터시트(PDF) 15 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
KTPFPGMEVMEUG 데이터시트(HTML) 15 Page - Freescale Semiconductor, Inc |
|
15 / 48 page ![]() KTPFPGMEVMEUG, Rev. 2.0 Freescale Semiconductor 15 Software and Drivers Installation 6. To check if the USB device driver was installed correctly, go to Start > Setting > Control Panels > System > Device Driver. You should see "PF-Programmer" under "NI-VISA USB Devices". Figure 14. Microsoft Windows Device Manager 5.2 Connect the Target Board to KITPFPGMEVME Programmer Connect the KITPFPGMEVME programmer to your target board using the supplied 8-conductor flat ribbon cable. The flat cable is keyed so that the correct header pins are connected on the programmer. WARNING: Verify that the brown wire on the other end of the flat cable is connected to pin 1 on your target board header. Freescale recommends a shrouded pin header (TST-104-01-G-D) to be placed on the target board to prevent the cable from being incorrectly inserted into the header and damaging your board. |