전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADP3410 데이터시트(PDF) 4 Page - Analog Devices

부품명 ADP3410
상세설명  Dual MOSFET Driver with Bootstrapping
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADP3410 데이터시트(HTML) 4 Page - Analog Devices

  ADP3410 Datasheet HTML 1Page - Analog Devices ADP3410 Datasheet HTML 2Page - Analog Devices ADP3410 Datasheet HTML 3Page - Analog Devices ADP3410 Datasheet HTML 4Page - Analog Devices ADP3410 Datasheet HTML 5Page - Analog Devices ADP3410 Datasheet HTML 6Page - Analog Devices ADP3410 Datasheet HTML 7Page - Analog Devices ADP3410 Datasheet HTML 8Page - Analog Devices ADP3410 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
REV. 0
ADP3410
–4–
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic
Function
1
OVPSET
Overvoltage Shutdown Sense Input. Shutdown occurs when this pin is driven above the specified thresh-
old. It is a high-impedance comparator input, so an external resistor divider can be used to scale the
controlling voltage for OVP.
2
SD
Shutdown. When high, this pin enables normal operation. When low, VCCGD, DRVH, and DRVL are
forced low and the supply current (ICCQ) is minimized as specified.
3
GND
Signal Ground. The input signal and the capacitor at DLY should be closely referenced to this ground.
4
IN
TTL-level input signal which has primary control of the drive outputs.
5
DRVLSD
Synchronous Rectifier Enable. When low, this signal forces DRVL low. The propagation delay time is on
the order of that for the main input signal, so it can be used for real time modulation control of DRVL.
When
DRVLSD is high, DRVL is enabled and controlled by IN.
6
DLY
Low-High-Transition Delay. A capacitor from this pin to ground programs the propagation delay
from turn-off of the lower FET to turn-on of the upper FET. The formula for the low-high-transition
delay is DLY = CDLY × (1 ns/pF) + 20 ns. The rise time for turn-on of the upper FET is not included in
the formula.
7
VCCGD
VCC Good. This pin indicates the status of the undervoltage lockout. When VCC is high enough for the
device to exit UVLO mode, the VCCGD pin is pulled up to VCC with the specified low impedance. This
signal is capable of acting as a switched power rail for external circuitry, since it can source 10 mA and
sink 10
µA.
8
VCC
Input Supply. This pin should be bypassed to PGND with ~1
µF ceramic capacitor.
9
DRVL
Synchronous Rectifier Drive. Output drive for the lower (synchronous rectifier) FET.
10
PGND
Power Ground. Should be closely connected to the source of the lower FET.
11
SRMON
Synchronous Rectifier Monitor. When
DRVLSD is high, SRMON follows DRVL. When DRVLSD is
low, SRMON is high. TTL-type output.
12
SW
This pin is connected to the buck switching node, close to the upper FET’s source. It is the floating return
for the upper FET drive signal. Also, it is used to monitor the switched voltage to prevent turn-on of the
lower FET until the voltage is below ~1 V. Thus, the high-low-transition delay is determined at this pin
according to operating conditions. This pin can be subjected to voltages as low as 2 V below PGND.
13
DRVH
Buck Drive. Output drive for the upper (buck) FET.
14
BST
Floating Bootstrap Supply for the upper FET. A capacitor connected between BST and SW pins holds
this bootstrapped voltage for the high-side FET as it is switched. The capacitor should be chosen between
0.1
µF and 1 µF.
PIN CONFIGURATION
OVPSET
SD
GND
IN
DRVLSD
DLY
VCCGD
BST
DRVH
SW
SRMON
PGND
DRVL
VCC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
ADP3410



Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com