전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LIS2DH 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 LIS2DH
상세설명  ultra low-power high performance 3-axis ?쐄emto??accelerometer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button LIS2DH Datasheet HTML 6Page - STMicroelectronics LIS2DH Datasheet HTML 7Page - STMicroelectronics LIS2DH Datasheet HTML 8Page - STMicroelectronics LIS2DH Datasheet HTML 9Page - STMicroelectronics LIS2DH Datasheet HTML 10Page - STMicroelectronics LIS2DH Datasheet HTML 11Page - STMicroelectronics LIS2DH Datasheet HTML 12Page - STMicroelectronics LIS2DH Datasheet HTML 13Page - STMicroelectronics LIS2DH Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
Mechanical and electrical specifications
LIS2DH
10/49
Doc ID 022516 Rev 1
2
Mechanical and electrical specifications
2.1
Mechanical characteristics
@ Vdd = 2.5 V, T = 25 °C unless otherwise noted(a)
a.
The product is factory calibrated at 2.5 V. The operational power supply range is from 1.71V to 3.6 V.
Table 3.
Mechanical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.(1)
Max.
Unit
FS
Measurement range(2)
FS bit set to 00
±2.0
g
FS bit set to 01
±4.0
FS bit set to 10
±8.0
FS bit set to 11
±16.0
So
Sensitivity
FS bit set to 00;
Normal mode
4
mg/digit
FS bit set to 00;
High Resolution mode
1
FS bit set to 00;
Low power mode
16
FS bit set to 01;
Normal mode
8
mg/digit
FS bit set to 01;
High Resolution mode
2
FS bit set to 01;
Low power mode
32
FS bit set to 10;
Normal mode
16
mg/digit
FS bit set to 10;
High Resolution mode
4
FS bit set to 10;
Low power mode
64
FS bit set to 11;
Normal mode
48
mg/digit
FS bit set to 11;
High Resolution mode
12
FS bit set to 11;
Low power mode
192
TCSo
Sensitivity change vs
temperature
FS bit set to 00
0.01
%/°C
TyOff
Typical zero-
g level
offset accuracy(3),(4)
FS bit set to 00
±40
m
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com