전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LIS2DH 데이터시트(PDF) 47 Page - STMicroelectronics

부품명 LIS2DH
상세설명  ultra low-power high performance 3-axis ?쐄emto??accelerometer
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2DH 데이터시트(HTML) 47 Page - STMicroelectronics

Back Button LIS2DH Datasheet HTML 42Page - STMicroelectronics LIS2DH Datasheet HTML 43Page - STMicroelectronics LIS2DH Datasheet HTML 44Page - STMicroelectronics LIS2DH Datasheet HTML 45Page - STMicroelectronics LIS2DH Datasheet HTML 46Page - STMicroelectronics LIS2DH Datasheet HTML 47Page - STMicroelectronics LIS2DH Datasheet HTML 48Page - STMicroelectronics LIS2DH Datasheet HTML 49Page - STMicroelectronics LIS2DH Datasheet HTML 50Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
LIS2DH
Package information
Doc ID 022516 Rev 1
47/49
8
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK is an ST trademark.
Figure 12.
LGA-14 2x2x1 mechanical drawing
Table 83.
LGA-14 2x2x1 mechanical dimensions
Ref.
Min.
Typ.
Max.
A1
1
A2
0.785
A3
0.200
D1
1.850
2.000
2.150
E1
1.850
2.000
2.150
L1
0.900
L2
1.250
N1
0.350
T1
0.275
T2
0.200
P1
0.850
P2
0.850
d0.150
M0.100
K0.050
8224765_A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50