전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVM8 데이터시트(PDF) 2 Page - Leshan Radio Company

부품명 HVM8
상세설명  Controlled avalanche characteristic combined Low forward voltage drop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HVM8 데이터시트(HTML) 2 Page - Leshan Radio Company

  HVM8 Datasheet HTML 1Page - Leshan Radio Company HVM8 Datasheet HTML 2Page - Leshan Radio Company HVM8 Datasheet HTML 3Page - Leshan Radio Company HVM8 Datasheet HTML 4Page - Leshan Radio Company HVM8 Datasheet HTML 5Page - Leshan Radio Company HVM8 Datasheet HTML 6Page - Leshan Radio Company HVM8 Datasheet HTML 7Page - Leshan Radio Company HVM8 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HVM**
2.Ratings and Characteristic Curves(TA= 25°C unless otherwise noted)
Instantaneous Forward Voltage Vollts
Fig. 1 - Forward Current Derating Curve
Fig.4-Typical Instantaneous
Forward Charcteristics
HVM8
HVM10
HVM14
HVM16
HVM18
HVM12
Fig. 2 - Maximum Non-Repetitive
Peak Forward Surge Current
Number of Cycles at 60 Hz
Fig. 3 - Typical Reverse Characteristics
Percent of Rated Peak
Reverse Voltage Vollts



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com