전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVM8 데이터시트(PDF) 1 Page - Leshan Radio Company

부품명 HVM8
상세설명  Controlled avalanche characteristic combined Low forward voltage drop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HVM8 데이터시트(HTML) 1 Page - Leshan Radio Company

  HVM8 Datasheet HTML 1Page - Leshan Radio Company HVM8 Datasheet HTML 2Page - Leshan Radio Company HVM8 Datasheet HTML 3Page - Leshan Radio Company HVM8 Datasheet HTML 4Page - Leshan Radio Company HVM8 Datasheet HTML 5Page - Leshan Radio Company HVM8 Datasheet HTML 6Page - Leshan Radio Company HVM8 Datasheet HTML 7Page - Leshan Radio Company HVM8 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HVM**
Features
Controlled avalanche characteristic combined
with the ability to dissipate reverse power
Plastic package has underwriters laboratory lammability
classification 94V-0
Low forward voltage drop
Typical
IR less than 1 uA
High overload surge capability
High temperature soldering guaranteed
260-C/10s/.375" (9.5mm) lead length at 5 lbs.,
(2.3kg) tension
Mechanical data
Case:
Reliable low cost construction utilizing
molded plastic technique
Terminals:
Axial leads. Solderable per MIL-STD-202
Method 208
Polarity: Color band denotes cathode end
Weight:
2.6 g
1.Electrical Characteristic
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified
.
Parameter
Symbol
HVM5
HVM8
HVM10
HVM12
HVM15
HVM16
HVM18
Unit
Maximum repetitive peak reverse voltage
VRRM
5
8
10
12
15
16
18
KV
Maximum RMS voltage
VRMS
3.5
5.6
7
8.4
10.5
11.2
12.6
KV
Maximum DC blocking voltage
VDC
5
8
10
12
15
16
18
KV
Maximum average forward rectified current
0.375" (9.5mm) lead length at TA=55-C
IO
350
mA
Peak forward surge current 8.3ms single
half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
Operating junction and storage
temperature range
TJ,TSTG
-40 to +130
-C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
HVM5
HVM8
HVM10
HVM12
HVM15
HVM16
HVM1
8
Unit
Maximum instantaneous forward voltage at
0.35A
VF
10.0
12
14
16
V
Maximum DC reverse current at
rated DC blocking voltage
TA=25-C
IR
10.0
μA
We declare that the material of product
compliance with RoHS requirements.


유사한 부품 번호 - HVM8

제조업체부품명데이터시트상세설명
logo
Rectron Semiconductor
HVM8 RECTRON-HVM8 Datasheet
224Kb / 2P
HIGH VOLTAGE ASSEMBLIED RECTIFIER (VOLTAGE RANGE 5000 to 16000 Volts CURRENT 0.35 Amperes)
logo
Dc Components
HVM8 DCCOM-HVM8 Datasheet
389Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH VOLTAGE ASSEMBLIED RECTIFIER
logo
Leshan Radio Company
HVM8 LRC-HVM8 Datasheet
51Kb / 2P
HIGH-VOLTAGE DIODES
logo
MIC GROUP RECTIFIERS
HVM8 MIC-HVM8 Datasheet
87Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
HVM8 CHONGQING-HVM8 Datasheet
40Kb / 1P
HIGH VOLTAGE ASSEMBLIED RECTIFIER
More results

유사한 설명 - HVM8

제조업체부품명데이터시트상세설명
logo
Nihon Inter Electronics...
30D4 NIEC-30D4 Datasheet
21Kb / 2P
LOW FORWARD VOLTAGE DROP
logo
Leshan Radio Company
HVP5 LRC-HVP5_11 Datasheet
201Kb / 4P
Controlled avalanche characteristic combined Low forward voltage drop
UHVM6-350 LRC-UHVM6-350 Datasheet
95Kb / 4P
Controlled avalanche characteristic combined with the ability to dissipate reverse power
UHVM6-450 LRC-UHVM6-450 Datasheet
102Kb / 4P
Controlled avalanche characteristic combined with the ability to dissipate reverse power
logo
Kersemi Electronic Co.,...
MBRP3045N KERSEMI-MBRP3045N Datasheet
406Kb / 3P
Low forward voltage drop
logo
Shenzhen Luguang Electr...
SS34L LUGUANG-SS34L Datasheet
281Kb / 2P
Low forward voltage drop
logo
DIYI Electronic Technol...
GBPC35005 DYELEC-GBPC35005 Datasheet
2Mb / 2P
Low forward voltage drop
GBU10005 DYELEC-GBU10005 Datasheet
2Mb / 2P
Low forward voltage drop
KBP4005G DYELEC-KBP4005G Datasheet
238Kb / 2P
Low forward voltage drop
logo
Shanghai Leiditech Elec...
HVM5 LEIDITECH-HVM5 Datasheet
506Kb / 8P
Controlled avalanche characteristic combined
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com