전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HVM8 데이터시트(PDF) 4 Page - Leshan Radio Company

부품명 HVM8
상세설명  Controlled avalanche characteristic combined Low forward voltage drop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

HVM8 데이터시트(HTML) 4 Page - Leshan Radio Company

  HVM8 Datasheet HTML 1Page - Leshan Radio Company HVM8 Datasheet HTML 2Page - Leshan Radio Company HVM8 Datasheet HTML 3Page - Leshan Radio Company HVM8 Datasheet HTML 4Page - Leshan Radio Company HVM8 Datasheet HTML 5Page - Leshan Radio Company HVM8 Datasheet HTML 6Page - Leshan Radio Company HVM8 Datasheet HTML 7Page - Leshan Radio Company HVM8 Datasheet HTML 8Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
5.1.1 塑料袋
塑料袋规格:
110×150mm
5.1.2 内盒
H
L
单位:mm
L
WH
尺寸
360
±2
137
±2
65
±4
LRC标签
材料:单瓦楞纸
文件编号: LRC/M06-051
第 3 版
第 0 次修改
第
2 页
塑封生产线高压硅堆产品包装规范
H
W
客户标识
LRC标签
ROHS标签
LRC产品
产品重复峰
压值
产品额定电
产品数量
产品生产日
期
成型规格



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com