전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8403D3 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN8403D3
상세설명  3-Phase BLDC Motor Driver with PLL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8403D3 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN8403D3 Datasheet HTML 1Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 2Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 3Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 4Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FAN8403D3
5
Absolute Maximum Ratings (Ta = 25
°°°°C)
Note 1.
PCB Condition: Thickness (1.6mm), Dimension (76.2mm * 114.3mm)
Refer: EIA/JSED 51-3 & EIA/JSED 51-7
Note 2. Air condition (0m/s)
Note 3. Air condition (3m/s)
Power Dissipation Curve (Air condition = 0m/s)
Air Speed &
Θ
Θ
Θ
ΘJA
Parameter
Symbol
Value
Unit
Remark
Maximum Supply Voltage
VCCMAX
30
V
-
Maximum Output Current
IOMAX
1.0
A
-
Maximum Power Dissipationnote1
PDMAX
3.0note2
W
-
5.25note3
Thermal Resistancenote1
ΘJA
41.57note2
°C/W
-
23.81note3
Operating Temperature
TOPR
−20 ~ +80
°C-
Storage Temperature
TSTG
−50 ~ +150
°C-
0
0.5
1
1.5
2
2.5
3
3.5
0
20
40
60
80
100
120
140
Tc or Ta[°C]
0
5
10
15
20
25
30
35
40
45
0
123
45
6
Air Speed[m/s]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com