전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8403D3 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN8403D3
상세설명  3-Phase BLDC Motor Driver with PLL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8403D3 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN8403D3 Datasheet HTML 2Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 3Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 4Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 9Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
FAN8403D3
6
Recommended Operating Conditions (Ta = 25
°°°°C)
Electrical Characteristics (Ta = 25
°°°°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Operating Voltage Range (PVCC,SVCC)VCC
20
24
28
V
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
POWER SUPPLY CURRENT
Low Power Supply Current
ICCL
Stop mode, VCC=20V
7
17
27
mA
Typical Power Supply Current
ICCT
Stop mode, VCC=24V
7.5
17.5
27.5
mA
High Power Supply Current
ICCH
Stop mode, VCC=28V
8
18
28
mA
OUTPUT POWER TRANSISTOR CHARACTERISTICS
Source Saturation Voltage (1)
VSATU1
IO=0.6A, RF=0
-1.8
2.5
V
Source Saturation Voltage (2)
VSATU2
IO=0.3A, RF=0
-1.6
2.3
V
Sink Saturation Voltage (1)
VSATL1
IO=0.6A, RF=0
-0.5
1.0
V
Sink Saturation Voltage (2)
VSATL2
IO=0.3A, RF=0
-
0.25
0.7
V
Output Leakage Current
IOLEAK
VCC=28V, OUT=28V
-
-
100
µA
UNDER VOLTAGE LOCK-OUT
UVLO Operating Voltage
VSD
-
8.7
9.3
9.9
V
UVLO Hysteresis
HVSD
-
1.3
1.6
1.9
V
REGULATOR VOLTAGE OUTPUT
Regulator Output Voltage
VREG
-
5.8
6.3
6.8
V
Power Supply Variation
HVREG1
VCC=20~28V
-
-
100
mV
Load Variation
HVREG2
ILOAD=0~10mA
-
-
100
mV
HALL AMPLIFIER INPUT BLOCK
H+ Hall Amp Input Bias Current
IBHA+
--
2
10
µA
H
− Hall Amp Input Bias Current
IBHA
--
2
10
µA
Hall Differential Input Range
VHIN
Sine wave input
50
-
350
mVp-p
Hall Common Input Range
VICM
Differential input: 50mVp-p
3.5
-
VCC-
3.5
V
FG AMPLIFIER BLOCK
FG AMP Input Bias Current
IBFG
--1
-
1
µA
FG AMP DC Bias Level
VBFG
-
2.903.153.40
V
FG Output High Level Voltage
VOHFG
No external load
VREG-
1.1V
--
V
FG Output Low Level Voltage
VOLFG
No external load
-
0.8
1.2
V
FG SCHMIDT COMPARATOR BLOCK
FGS High / Low Input Hysteresis
VSHL
--50
0
50
mV
FGS Low / High Input Hysteresis
VSLH
-
100
150
200
mV
FGS Hysteresis
VFGL
-
100
-
200
mV
FGS Input Operating Level
VFGSIL
-
400
-
-
mVp-p
FGS Output Saturation Voltage
VFGSSAT
IFGS=4mA
-
0.2
0.4
V
FGS Output Leakage Current
IFGSLEAK
VCC=28V
-
-
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com