전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8403D3 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FAN8403D3
상세설명  3-Phase BLDC Motor Driver with PLL
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8403D3 데이터시트(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN8403D3 Datasheet HTML 3Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 4Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 9Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 10Page - Fairchild Semiconductor FAN8403D3 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
FAN8403D3
7
Electrical Characteristics (Continued)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
ERROR AMPLIFIER BLOCK
Error AMP Input Bias Current
IBER
--1
-
1
µA
Error AMP DC Bias Level
VBER
-
2.903.153.40
V
Error Output High Level Voltage
VOHER
No external load
VREG-
1.1V
--
V
Error Output Low Level Voltage
VOLER
No external load
-
-
1.0
V
CONTROLLER BLOCK
Dead Zone
VDZ
-
50
100
300
mV
Output Idle Voltage
VID
--
-
5
mV
Forward Gain
GDF+
-
0.4
0.5
0.6
-
Reverse Gain
GDF
-
-0.6
-0.5
-0.4
-
Accelerate Command Voltage
VSTA
-
VREG-
1.1V
--
V
Decelerate Command Voltage
VSTO
--
0.8
1.5
V
Forward Limit Voltage
VL+
RF=22
-0.60-
V
Reverse Limit Voltage
VL
RF=22
-0.60-
V
CURRENT LIMIT OPERATION
RF Output Voltage Limit
VRF
-
0.550.600.65
V
PHASE COMPARATOR OUTPUT BLOCK
PD Output High Level Voltage
VPDH
No external load
5.2
-
-
V
PD Output Low Level Voltage
VPDL
No external load
-
-
0.7
V
PD Output Source Current
IPD+
VPD=0.5*VREG
--
-0.6
mA
PD Output Sink Current
IPD
VPD=0.5*VREG
1.0
-
-
mA
PHASE LOCK DETECTOR OUTPUT BLOCK
LD Output Saturation Voltage
VLDSAT
ILD=5mA
-
0.1
0.4
V
LD Output Leakage Current
ILDLEAK
VCC=28V
-
-
10
µA
S/S BLOCK
S/S Input High Level Voltage
VIHSS
-3.0
-
VREG
V
S/S Input Low Level Voltage
VILSS
-0
-
2
V
S/S Hysteresis
VISSS
-
0.3
0.5
0.7
V
S/S Input Open Voltage
VIOSS
-
3.7
4.2
4.7
V
S/S Input High Level Current
IIHSS
VSS=VREG
100
150
200
µA
S/S Input Low Level Current
IILSS
VSS=0V
-400
-300
-200
µA
EXTERNAL CLOCK INPUT BLOCK
ECLK Input High Level Voltage
VIHCLK
-3.3
-
VREG
V
ECLK Input Low Level Voltage
VILCLK
-0
-
2.1
V
External Input Frequency
FCLK
External clock mode
0.5
-
7.0
KHz
ECLK Input Open Voltage
VIOCLK
-
3.7
4.2
4.7
V
ECLK Input High Level Current
IIHCLK
VCLK=VREG
100
150
200
µA
ECLK Input Low Level Current
IILCLK
VCLK=0V
-400
-300
-200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com