전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8423D3 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FAN8423D3
상세설명  3-Phase BLDC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8423D3 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FAN8423D3 Datasheet HTML 1Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 2Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 3Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 4Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
FAN8423D3
4
Rev. 1.0.1
Oct. 2000.
Equivalent Circuits
Hall Input
Driver Output
Torque Control Input
Hall Bias Input
Start/stop Input
Short Brake Input
Fg Output
Dir Output
1K
11
9
13
12
14
10
1K
50
50
28
2
27
4
7
+
-
21
22
50
50
15
100K
23
40K
30K
50
18
1K
20K
50
10K
Vcc
24
50
19
30K
Vcc
20
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com