전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8423D3 데이터시트(PDF) 6 Page - Fairchild Semiconductor

부품명 FAN8423D3
상세설명  3-Phase BLDC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8423D3 데이터시트(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN8423D3 Datasheet HTML 2Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 3Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 4Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 9Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
FAN8423D3
6
Rev. 1.0.1
Oct. 2000.
Electrical Characteristics
(Unless otherwise specified, Ta = 25
°C, Vcc=5 V, VM=12 V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Quiescent circuit current 1
Icc1
At stop mode
-
-
0.2
mA
Quiescent circuit current 2
Icc2
At start mode
-
5
10
mA
START/STOP
On voltage range
VSSon
Output driver ON
2.5
-
Vcc
V
Off voltage range
VSSoff
Output driver OFF
0.0
-
1.0
V
HALL BIAS
Hall bias voltage
VHB
IHB=20 mA
0.4
1.0
1.8
V
HALL AMP
Hall bias current
IHA
--
0.5
2
µA
Common-mode input range
VHAR
-
1.0
-
4.0
V
Minimum input level
VINH
-60
-
-
mVpp
H1 hysteresis level
VHYS
-
5
20
40
mVpp
TORQUE CONTROL
Ecr Input voltage range
ECR
-
1.0
-
4.0
V
Ec Input voltage range
EC
-
1.0
-
4.0
V
Offset voltage (-)
ECoff-
Ec=2.5 V
-80
-50
-20
mV
Offset voltage (+)
ECoff+
Ec=2.5 V
20
50
80
mV
Ec Input current
ECin
Ec=2.5 V
-
0.3
3
µA
Ecr Input current
ECRin
Ecr=2.5 V
-
0.3
3
µA
Input/output gain
GEC
Ec=2.5 V, Rcs=0.5
0.41
0.51
0.61
A / V
FG
FG output voltage (H)
VFGh
Ifg=-10
µA4.5
4.9
-
V
FG output voltage (L)
VFGl
Ifg=10
µA-
-
0.5
V
Duty (reference value)
-
-
-
50
-
%
OUTPUT BLOCK
Saturation voltage (upper TR)
VOH
Io=-300 mA
-
0.9
1.4
V
Saturation voltage (lower TR)
VOL
Io=300 mA
-
0.4
0.7
V
Torque limit current
ITL
RCS=0.5
560
700
840
mA
DIRECTION DETECTOR
DIR output voltage (H)
VDIRh
IFG=-10
µA4.5
4.7
-
V
DIR output voltage (L)
VDIRl
IFG=10
µA-
-
0.5
V
SHORT BRAKE
ON voltage range
VSBon
-2.5
-
Vcc
V
OFF voltage range
VSBoff
-0
-
1.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com