전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN8423D3 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FAN8423D3
상세설명  3-Phase BLDC Motor Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8423D3 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN8423D3 Datasheet HTML 5Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 6Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 7Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 8Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 9Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 10Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 11Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 12Page - Fairchild Semiconductor FAN8423D3 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
FAN8423D3
9
Rev. 1.0.1
Oct. 2000.
2. Short Brake
When the pick-up mechanism moves from the inner to the outer spindle of the CD, the Brake function of the reverse voltage is
commonly employed to decrease the rotating velocity of the Spindle Motor.
However, if the Spindle Motor rotates rapidly, the Brake function of the reverse voltage may produce more heat at the Drive
IC.
To remove this shortcoming and to enhance the braking efficiency, the Short Brake function is added to FAN8423D3. When
the Short Brake function is active, all upper Power TRs turn off and all lower Power TRs turn on. This slows down the motor.
3. Start/stop (Power Save)
When Start/Stop function is active, all Power TRs turn off.
Pin # 18
Short Brake
High
ON
Low
OFF
Pin # 23
Start/Stop
High
Operate
Low
Stop
2
4
7
18
Vcc
ON
OFF
20K
1K
MOTOR
OFF
ON
2
4
7
23
Vcc
Start
Stop
30K
40K
MOTOR
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com