전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2STL2580 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 2STL2580
상세설명  High voltage fast switching NPN power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STL2580 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button 2STL2580 Datasheet HTML 5Page - STMicroelectronics 2STL2580 Datasheet HTML 6Page - STMicroelectronics 2STL2580 Datasheet HTML 7Page - STMicroelectronics 2STL2580 Datasheet HTML 8Page - STMicroelectronics 2STL2580 Datasheet HTML 9Page - STMicroelectronics 2STL2580 Datasheet HTML 10Page - STMicroelectronics 2STL2580 Datasheet HTML 11Page - STMicroelectronics 2STL2580 Datasheet HTML 12Page - STMicroelectronics 2STL2580 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
2STL2580
Package mechanical data
Doc ID 18292 Rev 3
9/14
Table 5.
TO-92MOD mechanical data
Dim.
mm.
Min.
Typ.
Max.
A4.7
5.1
A1
1.730
2.030
b0.4
0.6
b1
0.9
1.1
c0.4
0.5
D5.8
6.2
D1
4.0
E8.4
8.8
e1.5
e1
2.9
3.1
L
13.8
14.2
K
1.6
h
0.0
0.380



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14