전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F882-I/SS 데이터시트(PDF) 15 Page - Microchip Technology

부품명 PIC16F882-I/SS
상세설명  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F882-I/SS 데이터시트(HTML) 15 Page - Microchip Technology

Back Button PIC16F882-I/SS Datasheet HTML 11Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 12Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 13Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 14Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 15Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 16Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 17Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 18Page - Microchip Technology PIC16F882-I/SS Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 338 page
background image
 2006-2012 Microchip Technology Inc.
DS41291G-page 15
PIC16F882/883/884/886/887
1.0
DEVICE OVERVIEW
The PIC16F882/883/884/886/887 devices are covered
by this data sheet. The PIC16F882/883/886 devices are
available in 28-pin PDIP, SOIC, SSOP and QFN
packages. The PIC16F884/887 are available in a 40-pin
PDIP and 44-pin QFN and TQFP packages. Figure 1-1
shows the block diagram of the PIC16F882/883/886
devices and Figure 1-2 shows a block diagram of the
PIC16F884/887 devices. Table 1-1 and Table 1-2 show
the corresponding pinout descriptions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More