전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PIC16F883-E/SO. 데이터시트(PDF) 53 Page - Microchip Technology

부품명 PIC16F883-E/SO.
상세설명  28/40/44-Pin Flash-Based, 8-Bit CMOS Microcontrollers
PDF  338 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-E/SO. 데이터시트(HTML) 53 Page - Microchip Technology

Back Button PIC16F883-E/SO. Datasheet HTML 49Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 50Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 51Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 52Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 53Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 54Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 55Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 56Page - Microchip Technology PIC16F883-E/SO. Datasheet HTML 57Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 338 page
background image
 2006-2012 Microchip Technology Inc.
DS41291G-page 53
PIC16F882/883/884/886/887
3.4.4.5
RB4/AN11/P1D(1)
Figure 3-10 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a PWM output(1)
3.4.4.6
RB5/AN13/T1G
Figure 3-10 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• an analog input for the ADC
• a Timer1 gate input
3.4.4.7
RB6/ICSPCLK
Figure 3-10 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• In-Circuit Serial Programming clock
3.4.4.8
RB7/ICSPDAT
Figure 3-10 shows the diagram for this pin. This pin is
configurable to function as one of the following:
• a general purpose I/O
• In-Circuit Serial Programming data
Note 1: P1D is available on PIC16F882/883/886
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More