전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LAN9500AI 데이터시트(PDF) 23 Page - SMSC Corporation

부품명 LAN9500AI
상세설명  USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SMSC [SMSC Corporation]
홈페이지  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9500AI 데이터시트(HTML) 23 Page - SMSC Corporation

Back Button LAN9500AI Datasheet HTML 19Page - SMSC Corporation LAN9500AI Datasheet HTML 20Page - SMSC Corporation LAN9500AI Datasheet HTML 21Page - SMSC Corporation LAN9500AI Datasheet HTML 22Page - SMSC Corporation LAN9500AI Datasheet HTML 23Page - SMSC Corporation LAN9500AI Datasheet HTML 24Page - SMSC Corporation LAN9500AI Datasheet HTML 25Page - SMSC Corporation LAN9500AI Datasheet HTML 26Page - SMSC Corporation LAN9500AI Datasheet HTML 27Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
USB 2.0 to 10/100 Ethernet Controller
Datasheet
SMSC LAN950x Family
23
Revision 1.1 (04-18-13)
DATASHEET
3.1
Pin Assignments
Table 3.8 No-Connect Pins
NUM PINS
NAME
SYMBOL
BUFFER
TYPE
DESCRIPTION
1
No Connect
NC
-
These pins must be left floating for normal device
operation.
Table 3.9 56-QFN Package Pin Assignments
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
PIN
NUM
PIN NAME
1
nPHY_INT
15
VDD33A
29
EECLK/
PWR_SEL
43
TXEN
2
TXN
16
USBRBIAS
30
EECS
44
RXER
3
TXP
17
VDDUSBPLL
31
EEDO/
AUTOMDIX_EN
45
CRS/GPIO3
4
VDD33A
18
XI
32
EEDI
46
COL/GPIO0
Note 3.4
5
RXN
19
XO
33
TEST3
47
TXCLK
6
RXP
20
VBUS_DET
Note 3.4
34
PHY_SEL
48
VDD33IO
7
VDD33A
Note 3.3
21
VDDCORE
35
VDD33IO
49
TEST1
8
EXRES
22
MDC/GPIO2
36
nTRST/RXD0
50
VDDCORE
9
VDD33A
23
MDIO/GPIO1
Note 3.4
37
TDO/nPHY_RST
51
VDD33IO
10
VDDPLL
24
nRESET
Note 3.4
38
TCK/RXD1
52
VDD33IO
11
USBDM
25
VDD33IO
39
TMS/RXD2
53
TXD3/GPIO7/
EEP_SIZE
12
USBDP
26
nFDX_LED/
GPIO8
Note 3.4
40
TDI/RXD3
54
TXD2/GPIO6/
PORT_SWAP
13
TEST2
27
nLNKA_LED/
GPIO9
Note 3.4
41
RXCLK
55
TXD1/GPIO5/
RMT_WKP
14
NC
28
nSPD_LED/
GPIO10
Note 3.4
42
RXDV
56
TXD0/GPIO4/
EEP_DISABLE
EXPOSED PAD
MUST BE CONNECTED TO VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66