전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST1S40IPUR 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 ST1S40IPUR
상세설명  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40IPUR 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button ST1S40IPUR Datasheet HTML 4Page - STMicroelectronics ST1S40IPUR Datasheet HTML 5Page - STMicroelectronics ST1S40IPUR Datasheet HTML 6Page - STMicroelectronics ST1S40IPUR Datasheet HTML 7Page - STMicroelectronics ST1S40IPUR Datasheet HTML 8Page - STMicroelectronics ST1S40IPUR Datasheet HTML 9Page - STMicroelectronics ST1S40IPUR Datasheet HTML 10Page - STMicroelectronics ST1S40IPUR Datasheet HTML 11Page - STMicroelectronics ST1S40IPUR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Functional description
ST1S40
8/30
Doc ID 17928 Rev 4
The soft-start is performed by ramping the non-inverting input (VREF) of the error amplifier
from 0 V to 0.8 V in around 1 ms.
5.2
Error amplifier and control loop stability
The error amplifier compares the FB pin voltage with the internal 0.8 V reference and it
provides the error signal to be compared with the output of the current sense circuitry, that is
the high side Power MOSFET current. Comparing the output of the error amplifier and the
peak inductor current implements the peak current mode control loop.
The error amplifier is a transconductance amplifier (OTA). The uncompensated
characteristics are listed inTable 5.
Table 5.
Error amplifier characteristics
The ST1S40 embeds the compensation network that assures the stability of the loop in the
whole operating range. All the tools needed to check the loop stability are shown below.
Figure 4. shows the simple small signal model for the peak current mode control loop.
Figure 4.
Block diagram of the loop for the small signal analysis
DC Gain
95 dB
Gm
251 µA/V
Ro
240 M
Ω
L
Cout
Current sense
Logic
And
Driver
Slope
Compensation
PWM comparator
Error Amp
Rc
Cc
R1
R2
0.8V
High side
Switch
Low side
Switch
GCO(s)
GDIV(s)
GEA(s)
VIN
VC
VOUT
VFB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com