전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ST1S40IPUR 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 ST1S40IPUR
상세설명  3 A DC step-down switching regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1S40IPUR 데이터시트(HTML) 1 Page - STMicroelectronics

  ST1S40IPUR Datasheet HTML 1Page - STMicroelectronics ST1S40IPUR Datasheet HTML 2Page - STMicroelectronics ST1S40IPUR Datasheet HTML 3Page - STMicroelectronics ST1S40IPUR Datasheet HTML 4Page - STMicroelectronics ST1S40IPUR Datasheet HTML 5Page - STMicroelectronics ST1S40IPUR Datasheet HTML 6Page - STMicroelectronics ST1S40IPUR Datasheet HTML 7Page - STMicroelectronics ST1S40IPUR Datasheet HTML 8Page - STMicroelectronics ST1S40IPUR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
March 2012
Doc ID 17928 Rev 4
1/30
30
ST1S40
3 A DC step-down switching regulator
Features
■ 3 A DC output current
■ 4.0 V to 18 V input voltage
■ Output voltage adjustable from 0.8 V
■ 850 kHz switching frequency
■ Internal soft-start
■ Integrated 95 m
Ω and 69 mΩ Power MOSFETs
■ All ceramic capacitor
■ Enable
■ Cycle-by-cycle current limiting
■ Current fold back short-circuit protection
■ VFQFPN4x4-8L, HSOP-8, and SO-8 and
packages
Applications
■
μP/ASIC/DSP/FPGA core and I/O supplies
■ Point of load for: STB, TVs, DVD
■ Optical storage, hard disk drive, printers,
audio/graphic cards
Figure 1.
Application circuit
Description
The ST1S40 is an internally compensated 850
kHz fixed-frequency PWM synchronous step-
down regulator. ST1S40 operates from 4.0 V to
18 V input, while it regulates an output voltage as
low as 0.8 V and up to VIN.
The ST1S40 integrates a 95 m
Ω high side switch
and 69 m
Ω synchronous rectifier allowing very
high efficiency with very low output voltages.
The peak current mode control with internal
compensation delivers a very compact solution
with a minimum component count.
The ST1S40 is available in VFQFPN 4 mm x 4
mm 8 lead package, HSOP-8 and standard SO-8.
VFQFPN 4x4
SO8
www.st.com


유사한 부품 번호 - ST1S40IPUR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
3 A DC step-down switching regulator
10-Oct-2013
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
849Kb / 30P
3 A DC step-down switching regulator
28-Aug-2019
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
3 A DC step-down switching regulator
28-Aug-2019
More results

유사한 설명 - ST1S40IPUR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L5987 STMICROELECTRONICS-L5987 Datasheet
1Mb / 42P
3 A step-down switching regulator
29-Aug-2008
L7986TA STMICROELECTRONICS-L7986TA Datasheet
784Kb / 43P
3 A step-down switching regulator
16-Oct-2012
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
L7981ATR STMICROELECTRONICS-L7981ATR Datasheet
1Mb / 44P
3 A step-down switching regulator
01-Jul-2010
PM8903 STMICROELECTRONICS-PM8903 Datasheet
2Mb / 34P
3 A step-down monolithic switching regulator
01-Feb-2012
ST1S40 STMICROELECTRONICS-ST1S40 Datasheet
1Mb / 29P
3 A DC step-down switching regulator
10-Oct-2013
ST1S32PUR STMICROELECTRONICS-ST1S32PUR Datasheet
809Kb / 29P
4 A DC step-down switching regulator
31-May-2012
L7986TR STMICROELECTRONICS-L7986TR Datasheet
1Mb / 43P
3 A step-down switching regulator
05-Sep-2014
ST1S31 STMICROELECTRONICS-ST1S31 Datasheet
1Mb / 35P
3 A DC step-down switching regulator
03-Mar-2016
ST1S40 STMICROELECTRONICS-ST1S40_V01 Datasheet
849Kb / 30P
3 A DC step-down switching regulator
28-Aug-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com